Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41689A7727Q001 Datasheet(PDF) 5 Page - TDK Electronics

Part # B41689A7727Q001
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41689A7727Q001 Datasheet(HTML) 5 Page - TDK Electronics

  B41689A7727Q001 Datasheet HTML 1Page - TDK Electronics B41689A7727Q001 Datasheet HTML 2Page - TDK Electronics B41689A7727Q001 Datasheet HTML 3Page - TDK Electronics B41689A7727Q001 Datasheet HTML 4Page - TDK Electronics B41689A7727Q001 Datasheet HTML 5Page - TDK Electronics B41689A7727Q001 Datasheet HTML 6Page - TDK Electronics B41689A7727Q001 Datasheet HTML 7Page - TDK Electronics B41689A7727Q001 Datasheet HTML 8Page - TDK Electronics B41689A7727Q001 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
B41789, Soldering star capacitors
Dimensional drawings
Mounting holes d = 16 mm ... 21 mm
Dimensions, weights and packing units
d
× l
dmax
× I
max
c
±0.1
e
±0.1
Approx. weight
Packing units
mm
mm
mm
mm
g
pcs.
16
× 25
17.5
× 27
16.5
3.0
7.9
300
16
× 30
17.5
× 32
16.5
3.0
9.4
300
16
× 35
17.5
× 37
16.5
3.0
10.9
200
16
× 39
17.5
× 41.5
16.5
3.0
12.2
200
18
× 25
19.5
× 27
18.5
3.0
9.9
300
18
× 30
19.5
× 32
18.5
3.0
11.8
300
18
× 39
19.5
× 41.5
18.5
3.0
15.4
200
21
× 39
22.5
× 41.5
21.5
3.5
21.0
324
21
× 49
22.5
× 51.5
21.5
3.5
26.0
264
B41689, B41789
Very high ripple current
up to 150
°C
Page 5 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41689A7727Q001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41689A7727Q001 TDK-B41689A7727Q001 Datasheet
407Kb / 19P
   Axial-lead and soldering star capacitors
B41689A7727Q001 TDK-B41689A7727Q001 Datasheet
613Kb / 21P
   Aluminum electrolytic capacitors
B41689A7727Q001 TDK-B41689A7727Q001 Datasheet
51Kb / 2P
   Axial Capacitors
More results

Similar Description - B41689A7727Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com