Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1763CS8-3.3 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1763CS8-3.3
Description  500mA, Low Noise, LDO Micropower Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763CS8-3.3 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1763CS8-3.3 Datasheet HTML 6Page - Linear Technology LT1763CS8-3.3 Datasheet HTML 7Page - Linear Technology LT1763CS8-3.3 Datasheet HTML 8Page - Linear Technology LT1763CS8-3.3 Datasheet HTML 9Page - Linear Technology LT1763CS8-3.3 Datasheet HTML 10Page - Linear Technology LT1763CS8-3.3 Datasheet HTML 11Page - Linear Technology LT1763CS8-3.3 Datasheet HTML 12Page - Linear Technology LT1763CS8-3.3 Datasheet HTML 13Page - Linear Technology LT1763CS8-3.3 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1763 Series
1763fa
TYPICAL PERFORMANCE CHARACTERISTICS
LT1763-5
Transient Response
CBYP = 0
LT1763-5
Transient Response
CBYP = 0.01µF
TIME (
µs)
0.4
0.2
0
–0.2
–0.4
600
400
200
0
1763 G48
0
200
400
600
800
1000
VIN = 6V
CIN = 10µF
COUT = 10µF
TIME (
µs)
0.10
0.05
0
–0.05
–0.10
600
400
200
0
1763 G49
020 30
50
70
90
10
40
60
80
100
VIN = 6V
CIN = 10µF
COUT = 10µF
1ms/DIV
COUT = 10µF
IL = 500mA
1763 G44
1ms/DIV
COUT = 10µF
IL = 500mA
1763 G47
LT1763-5
10Hz to 100kHz Output Noise
CBYP = 0
VOUT
100
µV/DIV
LT1763-5
10Hz to 100kHz Output Noise
CBYP = 100pF
VOUT
100
µV/DIV
1ms/DIV
COUT = 10µF
IL = 500mA
1763 G45
LT1763-5
10Hz to 100kHz Output Noise
CBYP = 1000pF
VOUT
100
µV/DIV
1ms/DIV
COUT = 10µF
IL = 500mA
1763 G46
LT1763-5
10Hz to 100kHz Output Noise
CBYP = 0.01µF
VOUT
100
µV/DIV
voltage drops are caused by the resistance (RP) of PC
traces between the regulator and the load. These may be
eliminated by connecting the SENSE pin to the output at
the load as shown in Figure 1 (Kelvin Sense Connection).
OUT (Pin 1): Output. The output supplies power to the
load. A minimum output capacitor of 3.3
µF is required to
prevent oscillations. Larger output capacitors will be
required for applications with large transient loads to limit
peak voltage transients. See the Applications Information
section for more information on output capacitance and
reverse output characteristics.
SENSE (Pin 2): Output Sense. For fixed voltage versions
of the LT1763 (LT1763-1.5/LT1763-1.8/LT1763-2.5/
LT1763-3/LT1763-3.3/LT1763-5), the SENSE pin is the
input to the error amplifier. Optimum regulation will be
obtained at the point where the SENSE pin is connected to
the OUT pin of the regulator. In critical applications, small
PIN FUNCTIONS
Figure 1. Kelvin Sense Connection
IN
SHDN
1763 F01
RP
OUT
VIN
SENSE
GND
LT1763
RP
3
2
1
5
8
+
+
LOAD


Similar Part No. - LT1763CS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763CS8-3.3 LINER-LT1763CS8-3.3 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-3.3 LINER-LT1763CS8-3.3 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-3.3-PBF LINER-LT1763CS8-3.3-PBF Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-3.3-TR LINER-LT1763CS8-3.3-TR Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763CS8-3.3-TRPBF LINER-LT1763CS8-3.3-TRPBF Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
More results

Similar Description - LT1763CS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_10 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com