Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDL-48-22 Datasheet(PDF) 2 Page - Technology Dynamics Inc.

Part # TDL-48-22
Description  SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHNOLOGY [Technology Dynamics Inc.]
Direct Link  http://technologydynamicsinc.com/
Logo TECHNOLOGY - Technology Dynamics Inc.

TDL-48-22 Datasheet(HTML) 2 Page - Technology Dynamics Inc.

  TDL-48-22 Datasheet HTML 1Page - Technology Dynamics Inc. TDL-48-22 Datasheet HTML 2Page - Technology Dynamics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL SELECTION
REDUNDANT OPERATION
RACK MOUNT / PANEL MOUNT
AUTO LINE SELECT
RUGGEDIZED/MILITARIZED
BATTERY BACK-UP
-ORD
-RK/PNL
-ALS
-CC
-MIL
-LVBD
CONFORMAL COATING
Backs up main output only. Battery is connected to output.
Low Voltage Battery Disconnect
The LVBD module adds a new dimension to battery backup power
supplies. The power supply simultaneously charges the battery and
powers the load. If the AC power fails, the battery continues to
support the load. However, when the battery voltage drops below a
predetermined level, the LVBD module disconnects the battery from
the load, thereby protecting the battery from the damaging effects of
complete discharge.
MODEL NO.
OUTPUT
MAX. LOAD
TDL-5-60
5
60
TDL-12-50
12
50
TDL-24-42
24
42
TDL-28-36
28
36
TDL-48-22
48
22
SINGLE OUTPUT MODULES
OPTION DESIGNATIONS
MECHANICAL OUTLINE
TDL SERIES
MULTIPLE OUTPUT SELECTION GUIDE
Select main output from the Single Output Modules table.
Select select second, third, fourth, fifth or sixth outputs from the Multiple
Output Modules table.
Second and third outputs must be equal in voltage and share common ground.
Outputs four, five and six are floating and may be used as positive or negative.
EXAMPLE: P/N TDL5-60 A2B2C1D1E2-Suffix
+5V 60A, -12V 3A, +12V 5A, +5V 3A, 5V 10A, 12V 8A
DC INPUT
12
3
TB1
FRONT
REAR
MOUNTING HOLES
6-32 UNC-2B x .320
MAX. PENETRATION
5 PL
TB2 DC OUTPUTS
STATUS LEDS
ADJUSTMENTS
OUTPUTS
(REF)
18.03mm
0.71"
108.97mm/4.29"
217.93mm/8.58"
56.13mm
2.21"
91.44mm
3.60"
45.72mm
1.80"
292.10mm/11.50"
127.0mm
5.00"
J1 OUTPUT CONNECTOR
ITT CANNON COMBO D SUB
P/N DDM224H7PNK87
MATES WITH SUB D CANNON
NOTE:
FEMALE PINS, D SHELL, 24W7
CONTACT ARRANGEMENT
13.9mm
5.48"
Note: Other voltages and currents available, contact the factory. Maximum total output power cannot exceed 1000 watts. Maximum current cannot be exceeded.
MULTIPLE OUTPUT MODULES
OUTPUT #3 (+V3)
CODE
OUTPUT # 4 (V4)
CODE
OUTPUT #5 (V5)
CODE
VDC @ MAX AMP
CODE
VDC @ MAX AMP
VDC @ MAX AMP
VDC @ MAX AMP
-5V @ 3A
A1
+5V @ 5A
C1
5V @ 3A
D1
5V @ 10A
E1
-12V @ 3A
A2
+12V @ 5A
C2
12V @ 3A
D2
12V @ 8A
E2
-15V @ 3A
A3
+15V @ 4A
C3
15V @ 3A
D3
15V @ 7A
E3
-24V @ 3A
A4
+24V @ 3A
C4
24V @ 2A
D4
24V @ 4.5A
E4
OUTPUT #2 (-V2)
CODE
B1
B2
B3
B4
VDC @ MAX AMP
OUTPUT #6 (V6)
5V @ 10A
12V @ 8A
15V @ 7A
24V @ 4.5A
TECHNOLOGY DYNAMICS INC.
100 School Street, Bergenfield, NJ 07621
Phone: (201) 385-0500, Fax: (201) 385-0702
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
www.technologydynamicsinc.com
Rev.A


Similar Part No. - TDL-48-22

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TDL-3 TRACOPOWER-TDL-3 Datasheet
251Kb / 3P
   TDL 3 Series, 3 Watt
Rev. December 15, 2021
More results

Similar Description - TDL-48-22

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
   Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
   SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
   Switching Power Supplies
2.26_2021-05-03
logo
Technology Dynamics Inc...
TCP-5-80 TECHNOLOGY-TCP-5-80 Datasheet
358Kb / 2P
   SWITCHING POWER SUPPLIES
TDRSP-1500-5 TECHNOLOGY-TDRSP-1500-5 Datasheet
176Kb / 2P
   SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com