Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5253-1.8BC5 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5253-1.8BC5
Description  100mA Low Noise UCap Teeny LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5253-1.8BC5 Datasheet(HTML) 8 Page - Micrel Semiconductor

  MIC5253-1.8BC5 Datasheet HTML 1Page - Micrel Semiconductor MIC5253-1.8BC5 Datasheet HTML 2Page - Micrel Semiconductor MIC5253-1.8BC5 Datasheet HTML 3Page - Micrel Semiconductor MIC5253-1.8BC5 Datasheet HTML 4Page - Micrel Semiconductor MIC5253-1.8BC5 Datasheet HTML 5Page - Micrel Semiconductor MIC5253-1.8BC5 Datasheet HTML 6Page - Micrel Semiconductor MIC5253-1.8BC5 Datasheet HTML 7Page - Micrel Semiconductor MIC5253-1.8BC5 Datasheet HTML 8Page - Micrel Semiconductor MIC5253-1.8BC5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MIC5253
Micrel
M9999-081804
8
August 2004
Therefore, a 2.9V application at 100mA of output current can
accept an ambient operating temperature of 41
°C in a SC-70
package. For a full discussion of heat sinking and thermal
effects on voltage regulators, refer to the “Regulator Thermals”
section of
Micrel’s Designing with Low-Dropout Voltage Regu-
lators handbook. This information can be found on Micrel's
website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf


Similar Part No. - MIC5253-1.8BC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5253-1.8BC5 MICREL-MIC5253-1.8BC5 Datasheet
178Kb / 9P
   100mA Low Noise 關Cap Teeny??LDO
More results

Similar Description - MIC5253-1.8BC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5253 MICREL-MIC5253_04 Datasheet
178Kb / 9P
   100mA Low Noise 關Cap Teeny??LDO
MIC5255 MICREL-MIC5255 Datasheet
129Kb / 11P
   150mA Low Noise UCap CMOS LDO
MIC2215 MICREL-MIC2215 Datasheet
112Kb / 11P
   Tirple High PSRR, Low Noise uCap LDO
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC5259 MICREL-MIC5259 Datasheet
3Mb / 9P
   300mA High PSRR, Low Noise UCap CMOS LDO
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37252 MICREL-MIC37252 Datasheet
76Kb / 8P
   2.5A, Low Voltage UCap LDO Regulator
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
   3.0A, LOW VOLTAGE UCAP LDO REGULATOR
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com