Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1249AMJE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1249AMJE
Description  2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1249AMJE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1249AMJE Datasheet HTML 3Page - Maxim Integrated Products MAX1249AMJE Datasheet HTML 4Page - Maxim Integrated Products MAX1249AMJE Datasheet HTML 5Page - Maxim Integrated Products MAX1249AMJE Datasheet HTML 6Page - Maxim Integrated Products MAX1249AMJE Datasheet HTML 7Page - Maxim Integrated Products MAX1249AMJE Datasheet HTML 8Page - Maxim Integrated Products MAX1249AMJE Datasheet HTML 9Page - Maxim Integrated Products MAX1249AMJE Datasheet HTML 10Page - Maxim Integrated Products MAX1249AMJE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
+2.7V to +5.25V, Low-Power, 4-Channel,
Serial 10-Bit ADCs in QSOP-16
_______________________________________________________________________________________
7
NAME
FUNCTION
1
VDD
Positive Supply Voltage
2–5
CH0–CH3
Sampling Analog Inputs
PIN
6
COM
Ground reference for analog inputs. Sets zero-code voltage in single-ended mode. Must be stable to
±0.5LSB.
7
SHDN
Three-Level Shutdown Input. Pulling SHDN low shuts the MAX1248/MAX1249 down; otherwise, the
devices are fully operational. Pulling SHDN high puts the reference-buffer amplifier in internal compen-
sation mode. Letting SHDN float puts the reference-buffer amplifier in external compensation mode.
12
DOUT
Serial Data Output. Data is clocked out at SCLK’s falling edge. High impedance when CS is high.
11
DGND
Digital Ground
9
REFADJ
Input to the Reference-Buffer Amplifier. To disable the reference-buffer amplifier, tie REFADJ to VDD.
8
VREF
Reference-Buffer Output/ADC Reference Input. Reference voltage for analog-to-digital conversion. In
internal reference mode (MAX1248 only), the reference buffer provides a 2.500V nominal output,
externally adjustable at REFADJ. In external reference mode, disable the internal buffer by pulling
REFADJ to VDD.
16
SCLK
Serial Clock Input. Clocks data in and out of serial interface. In external clock mode, SCLK also sets
the conversion speed. (Duty cycle must be 40% to 60%.)
15
CS
Active-Low Chip Select. Data will not be clocked into DIN unless CS is low. When CS is high, DOUT is
high impedance.
14
DIN
Serial Data Input. Data is clocked in at SCLK’s rising edge.
13
SSTRB
Serial Strobe Output. In internal clock mode, SSTRB goes low when the MAX1248/MAX1249 begin the
A/D conversion and goes high when the conversion is completed. In external clock mode, SSTRB
pulses high for one clock period before the MSB decision. High impedance when CS is high (external
clock mode).
______________________________________________________________Pin Description
VDD
6k
DGND
DOUT
CLOAD
50pF
CLOAD
50pF
DGND
6k
DOUT
a) High-Z to VOH and VOL to VOH
b) High-Z to VOL and VOH to VOL
VDD
6k
DGND
DOUT
CLOAD
50pF
CLOAD
50pF
DGND
6k
DOUT
a) VOH to High-Z
b) VOL to High-Z
Figure 1. Load Circuits for Enable Time
Figure 2. Load Circuits for Disable Time
10
AGND
Analog Ground


Similar Part No. - MAX1249AMJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1240 MAXIM-MAX1240 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240 MAXIM-MAX1240 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
1Mb / 8P
   Fully Assembled and Tested
Rev 2; 3/18
MAX1240-MAX1241 MAXIM-MAX1240-MAX1241 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
More results

Similar Description - MAX1249AMJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
MAX1246 MAXIM-MAX1246 Datasheet
223Kb / 24P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
19-1071; Rev 1; 3/97
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com