Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5253-2.6BC5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5253-2.6BC5
Description  100mA Low Noise UCap Teeny LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5253-2.6BC5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5253-2.6BC5 Datasheet HTML 1Page - Micrel Semiconductor MIC5253-2.6BC5 Datasheet HTML 2Page - Micrel Semiconductor MIC5253-2.6BC5 Datasheet HTML 3Page - Micrel Semiconductor MIC5253-2.6BC5 Datasheet HTML 4Page - Micrel Semiconductor MIC5253-2.6BC5 Datasheet HTML 5Page - Micrel Semiconductor MIC5253-2.6BC5 Datasheet HTML 6Page - Micrel Semiconductor MIC5253-2.6BC5 Datasheet HTML 7Page - Micrel Semiconductor MIC5253-2.6BC5 Datasheet HTML 8Page - Micrel Semiconductor MIC5253-2.6BC5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MIC5253
Micrel
M9999-081804
4
August 2004
Typical Characteristics
0
10
20
30
40
50
60
70
80
FREQUENCY (Hz)
100
µA
1mA
10mA
100mA
Power Supply Rejection Ratio
V
OUT = 1.8V
V
IN
= 2.8V
100
1k
10k
100k
1M
C
OUT = 1µF
C
BYP = 0.1µF
0
10
20
30
40
50
60
70
80
FREQUENCY (Hz)
100
µA
1mA
10mA
100mA
Power Supply Rejection Ratio
V
OUT = 1.8V
V
IN = 2.8V
C
OUT = 1µF
C
BYP = 0.01µF
100
1k
10k
100k
1M
81
82
83
84
85
86
87
88
0
25
50
75
100 125 150
OUTPUT CURRENT (mA)
Ground Pin Current
V
IN = VOUT + 1V
VOUT =1.8V
70
72
74
76
78
80
82
84
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Ground Pin Current
I
LOAD
= 100
µA
0
10
20
30
40
50
60
70
80
012345
INPUT VOLTAGE (V)
Ground Pin Current
I
LOAD
= 100
µA
0
10
20
30
40
50
60
70
80
90
012345
INPUT VOLTAGE (V)
Ground Pin Current
I
LOAD
= 100mA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
INPUT VOLTAGE (V)
Dropout Characteristics
I
LOAD
= 100
µA
I
LOAD
= 100mA
V
OUT
= 1.85V
0
50
100
150
200
250
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Dropout Voltage
V
IN = 3.6V
V
OUT = 2.6V
I
LOAD = 100mA
0
50
100
150
200
250
300
350
0
25
50
75
100 125 150
OUTPUT CURRENT (mA)
Dropout Voltage
125°C
25°C
–40°C
V
IN = 3.6V
V
OUT = 2.6V
150
170
190
210
230
250
270
290
2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9
INPUT VOLTAGE (V)
Short Circuit Current
2.5
2.55
2.6
2.65
2.7
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Output Voltage
vs. Temperature
I
LOAD
= 100
µA
V
OUT = 2.6V
V
IN = 3.6V
70
72
74
76
78
80
82
84
86
88
90
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Ground Pin Current
I
LOAD
= 100mA


Similar Part No. - MIC5253-2.6BC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5253-2.6BC5 MICREL-MIC5253-2.6BC5 Datasheet
178Kb / 9P
   100mA Low Noise 關Cap Teeny??LDO
More results

Similar Description - MIC5253-2.6BC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5253 MICREL-MIC5253_04 Datasheet
178Kb / 9P
   100mA Low Noise 關Cap Teeny??LDO
MIC5255 MICREL-MIC5255 Datasheet
129Kb / 11P
   150mA Low Noise UCap CMOS LDO
MIC2215 MICREL-MIC2215 Datasheet
112Kb / 11P
   Tirple High PSRR, Low Noise uCap LDO
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC5259 MICREL-MIC5259 Datasheet
3Mb / 9P
   300mA High PSRR, Low Noise UCap CMOS LDO
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37252 MICREL-MIC37252 Datasheet
76Kb / 8P
   2.5A, Low Voltage UCap LDO Regulator
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
   3.0A, LOW VOLTAGE UCAP LDO REGULATOR
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com