Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1248 Datasheet(PDF) 8 Page - Mitsumi Electronics, Corp.

Part # MM1248
Description  Control of Lithium Ion Battery Charging and Discharging
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1248 Datasheet(HTML) 8 Page - Mitsumi Electronics, Corp.

  MM1248 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1248 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1248 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1248 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1248 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1248 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1248 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1248 Datasheet HTML 8Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MITSUMI
Control of Lithium Ion Battery Charging and Discharging MM1248
Pin no.
Pin name
Equivalent circuit
Function
8
CDC
Pin for connection to a capacitor to set the dead
time for discharge on/off switching
During discharge : approx. 5V; when discharge
stops : GND level
Dead time is set when discharge is turned off and
discharge stopped
Dead time is approx. 1S for an 0.1µF capacitance
11
BATL
Pin for input of L cell+terminal voltage (in a battery
module with three cells in series, cells are defined,
starting from the high side, as the H cell, M cell
and L cell)
10
FET (G)
Pin for connection to P-ch FET gate for battery
module voltage level input
During discharge "L" is output; when discharge is
stopped switches to "H"
12
OV2
Pin for overvoltage signal output; NPN open
collector output
High-impedance output during normal operation;
switches to "L" on overcharge
The high-potential side of the pull-up resistance
should be 10 V max
14
FET (D)
Pin for connection to drain of P-ch FET for battery
module voltage level input
13
BATM
Pin for input of M cell+terminal voltage
16
VCC
Power supply input pin for overcharge detection,
discharge control, battery module voltage
monitoring units
Voltage at same potential as BATH should be input
15
BATH
Pin for input of H cell+terminal voltage
9
GND
GND pin for this IC


Similar Part No. - MM1248

ManufacturerPart #DatasheetDescription
logo
SICK AG
MM12-45APS-ZCKS01 SICK-MM12-45APS-ZCKS01 Datasheet
2Mb / 6P
   MAGNETIC PROXIMITY SENSORS
MM12-60A-N-ZC0 SICK-MM12-60A-N-ZC0 Datasheet
3Mb / 7P
   MAGNETIC PROXIMITY SENSORS
MM12-60A-N-ZW0 SICK-MM12-60A-N-ZW0 Datasheet
2Mb / 7P
   MAGNETIC PROXIMITY SENSORS
MM12-60ANS-ZCK SICK-MM12-60ANS-ZCK Datasheet
2Mb / 7P
   MAGNETIC PROXIMITY SENSORS
MM12-60ANS-ZUK SICK-MM12-60ANS-ZUK Datasheet
1Mb / 6P
   MAGNETIC PROXIMITY SENSORS
More results

Similar Description - MM1248

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1214 MITSUMI-MM1214 Datasheet
105Kb / 4P
   Control of Lithium Ion Battery Charging and Discharging
logo
Sanyo Semicon Device
EFC6602R SANYO-EFC6602R Datasheet
421Kb / 8P
   Lithium-ion battery charging and discharging switch
EFC6601R SANYO-EFC6601R Datasheet
422Kb / 8P
   Lithium-ion battery charging and discharging switch
logo
Mitsumi Electronics, Co...
MM1332 MITSUMI-MM1332 Datasheet
93Kb / 4P
   Control of Lithium Ion Batteries Charging
MM1433 MITSUMI-MM1433 Datasheet
343Kb / 14P
   IC for Control of Lithium-ion Batteries Charging
MM1438 MITSUMI-MM1438 Datasheet
142Kb / 7P
   IC for Control of Lithium-ion Betteries Charging
logo
SHOUDING Shouding Semic...
SD8067 SHOUDING-SD8067 Datasheet
2Mb / 13P
   Linear lithium ion battery charging chip
logo
Shenzhen Huazhimei Semi...
HM4081 HMSEMI-HM4081 Datasheet
614Kb / 13P
   Lithium battery charging control chip
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com