Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5253-2.9BC5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5253-2.9BC5
Description  100mA Low Noise UCap Teeny LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5253-2.9BC5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5253-2.9BC5 Datasheet HTML 1Page - Micrel Semiconductor MIC5253-2.9BC5 Datasheet HTML 2Page - Micrel Semiconductor MIC5253-2.9BC5 Datasheet HTML 3Page - Micrel Semiconductor MIC5253-2.9BC5 Datasheet HTML 4Page - Micrel Semiconductor MIC5253-2.9BC5 Datasheet HTML 5Page - Micrel Semiconductor MIC5253-2.9BC5 Datasheet HTML 6Page - Micrel Semiconductor MIC5253-2.9BC5 Datasheet HTML 7Page - Micrel Semiconductor MIC5253-2.9BC5 Datasheet HTML 8Page - Micrel Semiconductor MIC5253-2.9BC5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
August 2004
1
M9999-081804
MIC5253
Micrel
MIC5253
100mA Low Noise
µCap Teeny™ LDO
General Description
The MIC5253 is an efficient, CMOS voltage regulator opti-
mized for ultra-low-noise applications. It offers 1.5% initial
accuracy, extremely low dropout voltage (165mV at 100mA),
and low ground current (typically 95
µA at full load). The
MIC5253 provides a very low noise output, ideal for RF
applications where a clean voltage source is required. A
noise bypass pin is also available for further reduction of
output noise.
Designed specifically for handheld and battery-powered de-
vices, the MIC5253 provides a TTL-logic-compatible enable
pin. When disabled, power consumption drops nearly to zero.
The MIC5253 also works with low-ESR ceramic capacitors,
reducing the amount of board space necessary for power
applications, critical in handheld wireless devices.
Available in the Teeny™ SC-70-5 package, the MIC5253
offers a wide range of output voltages. Key features include
current limit, thermal shutdown, faster transient response,
and an active clamp to speed up device turn-off.
Typical Application
COUT = 1.0µF
CIN = 1.0µF
Ceramic
Ceramic
15
2
3
4
CBYP = 0.01µF
Enable
Shutdown
EN
VOUT
MIC5253-x.xBC5
EN (pin 3) may be
connected directly
to IN (pin 1).
VIN
Ultra-Low-Noise Regulator Application
Features
• Input voltage range: 2.7V to 5.5V
• Teeny™ SC-70-5 package
• Ultra-low output noise: 30
µV(rms)
• 100mA continuous output current, 150mA peak current
• Stability with ceramic output capacitors
• Ultralow dropout: 165mV @ 100mA
• High output accuracy:
1.5% initial accuracy
3.0% over temperature
• Low ground current: 95
µA
• TTL-Logic-controlled enable input
•“Zero” off-mode current
• Thermal shutdown and current limit protection
Applications
• Cellular phones and pagers
• Cellular accessories
• Battery-powered equipment
• Laptop, notebook, and palmtop computers
• Consumer/personal electronics
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Ordering Information
Part Number
Marking
Voltage
Junction Temp. Range*
Package
MIC5253-1.8BC5
LCN
1.8V
–40
°C to +125°C
SC-70-5
MIC5253-1.85BC5
L71J
1.85V
–40
°C to +125°C
SC-70-5
MIC5253-2.6BC5
LCP
2.6V
–40
°C to +125°C
SC-70-5
MIC5253-2.9BC5
L729
2.9V
–40
°C to +125°C
SC-70-5
MIC5253-3.0BC5
LCG
3.0V
–40
°C to +125°C
SC-70-5
MIC5253-3.3BC5
L733
3.3V
–40
°C to +125°C
SC-70-5
Other voltages available. Contact Micrel for details.
Teeny is a trademark of Micrel, Inc.


Similar Part No. - MIC5253-2.9BC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5253-2.9BC5 MICREL-MIC5253-2.9BC5 Datasheet
178Kb / 9P
   100mA Low Noise 關Cap Teeny??LDO
More results

Similar Description - MIC5253-2.9BC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5253 MICREL-MIC5253_04 Datasheet
178Kb / 9P
   100mA Low Noise 關Cap Teeny??LDO
MIC5255 MICREL-MIC5255 Datasheet
129Kb / 11P
   150mA Low Noise UCap CMOS LDO
MIC2215 MICREL-MIC2215 Datasheet
112Kb / 11P
   Tirple High PSRR, Low Noise uCap LDO
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC5259 MICREL-MIC5259 Datasheet
3Mb / 9P
   300mA High PSRR, Low Noise UCap CMOS LDO
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37252 MICREL-MIC37252 Datasheet
76Kb / 8P
   2.5A, Low Voltage UCap LDO Regulator
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
   3.0A, LOW VOLTAGE UCAP LDO REGULATOR
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com