Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1248AEEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1248AEEE
Description  2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1248AEEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1248AEEE Datasheet HTML 1Page - Maxim Integrated Products MAX1248AEEE Datasheet HTML 2Page - Maxim Integrated Products MAX1248AEEE Datasheet HTML 3Page - Maxim Integrated Products MAX1248AEEE Datasheet HTML 4Page - Maxim Integrated Products MAX1248AEEE Datasheet HTML 5Page - Maxim Integrated Products MAX1248AEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1248AEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1248AEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1248AEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
+2.7V to +5.25V, Low-Power, 4-Channel,
Serial 10-Bit ADCs in QSOP-16
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS
(VDD = +2.7V to +5.25V, TA = TMIN to TMAX, unless otherwise noted.)
Note 1: Tested at VDD = 2.7V; COM = 0V; unipolar single-ended input mode.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range has
been calibrated.
Note 3: MAX1248—internal reference, offset nulled; MAX1249 — external reference (VREF = +2.500V), offset nulled.
Note 4: Ground “on” channel; sine wave applied to all “off” channels.
Note 5: Conversion time defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle.
Note 6: The common-mode range for the analog inputs is from AGND to VDD.
Note 7 Sample tested to 0.1% AQL.
Note 8: External load should not change during conversion for specified accuracy.
Note 9: ADC performance is limited by the converter’s noise floor, typically 300µVp-p.
Note 10 Guaranteed by design. Not subject to production testing.
Note 11: The MAX1249 typically draws 400
µA less than the values shown.
Note 12: Measured as
|V
FS(2.7V) - VFS(5.25V)|.
DIN to SCLK Setup
ns
240
tSTR
CS Rise to SSTRB Output Disable
ns
240
tSDV
CS Fall to SSTRB Output Enable
240
tSSTRB
SCLK Fall to SSTRB
ns
200
tCL
SCLK Pulse Width Low
ns
200
SCLK Pulse Width High
ns
0
CS to SCLK Rise Hold
ns
100
tCSS
CS to SCLK Rise Setup
ns
240
tTR
CS Rise to Output Disable
ns
240
tDV
CS Fall to Output Enable
tDO
SCLK Fall to Output Data Valid
ns
0
tDH
DIN to SCLK Hold
ns
µs
1.5
tACQ
Acquisition Time
0
tSCK
SSTRB Rise to SCLK Rise
ns
100
tDS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Internal clock mode only (Note 10)
External clock mode only, Figure 2
External clock mode only, Figure 1
Figure 1
Figure 2
Figure 1
CONDITIONS
ns
20
240
Figure 1
tCSH
tCH
ns
MAX124_ _C/E
MAX124_ _M
20
200


Similar Part No. - MAX1248AEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1248 MAXIM-MAX1248 Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX1248-MAX1249 MAXIM-MAX1248-MAX1249 Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
More results

Similar Description - MAX1248AEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
MAX1246 MAXIM-MAX1246 Datasheet
223Kb / 24P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
19-1071; Rev 1; 3/97
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com