Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB15L40L Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # SB15L40L
Description  15.0 AMP. L O W V F Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SB15L40L Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  SB15L40L Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SB15L40L Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5.0
10
version:01
2of2
FIG. 3
MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
FIG.2-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
1.0
0.1
0.1
0.2
0.5
0.3
0.6
0.9
0.4
0.7
0.8
1.0
SB15L80- SB15L100
TA = 25
FIG.4
TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (V)
FIG. 1 - FORWARD CURRENT DERATING CURVE
25
50
75
100
125
150
175
12.0
3.0
0
15 .0
9.0
6.0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
AMBIENT TEMPERATURE (
)
C
°
15L200
15L150
SB
-
SB15L40-
SB 15L60
360
300
240
180
120
60
0
1
2
5
10
20
50
100
8.3Single Half-Sine-Wave
(JEDEC METOD)
100
10
0.01
0.1
1
0
20
50
75
100
125
150
175
TA=100℃
TA=50℃
TA=25℃
SB15L50
www.dyelec.com
SB 15L 4 0 THRU SB 15L 2 00


Similar Part No. - SB15L40L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SB15 TSC-SB15 Datasheet
71Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Bridge Rectifiers
logo
Gulf Semiconductor
SB15 GULFSEMI-SB15 Datasheet
207Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 1.0A
logo
Seme LAB
SB15-45SSMD05 SEME-LAB-SB15-45SSMD05 Datasheet
25Kb / 2P
   SCHOTTKY BARRIER DIODE IN CERAMIC
logo
EIC discrete Semiconduc...
SB150 EIC-SB150 Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Rugao Dachang Electroni...
SB150 DACHANG-SB150 Datasheet
116Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB15L40L

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SR15L40 DYELEC-SR15L40 Datasheet
667Kb / 2P
   15.0 AMP. L O W V F Schottky Barrier Rectifiers
SB8L40L DYELEC-SB8L40L Datasheet
609Kb / 2P
   8.0 AMP. L O W V F Schottky Barrier Rectifiers
SR140L DYELEC-SR140L Datasheet
631Kb / 2P
   1.0 AMP. L O W V F Schottky Barrier Rectifiers
SR8L40 DYELEC-SR8L40 Datasheet
609Kb / 2P
   8.0 AMP. L O W V F Schottky Barrier Rectifiers
SR10L40 DYELEC-SR10L40 Datasheet
666Kb / 2P
   10.0 AMP. L O W V F Schottky Barrier Rectifiers
SR240L DYELEC-SR240L Datasheet
588Kb / 2P
   2.0 AMP. L O W V F Schottky Barrier Rectifiers
SR240SL DYELEC-SR240SL Datasheet
620Kb / 2P
   2.0 AMP. L O W V F Schottky Barrier Rectifiers
SB10L40L DYELEC-SB10L40L Datasheet
667Kb / 2P
   10.0 AMP. L O W V F Schottky Barrier Rectifiers
SB240SL DYELEC-SB240SL Datasheet
620Kb / 2P
   2.0 AMP. L O W V F Schottky Barrier Rectifiers
SB840L DYELEC-SB840L Datasheet
617Kb / 2P
   8.0 AMP. L O W V F Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com