Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF32U Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # SF32U
Description  3 .0 AMP. Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SF32U Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  SF32U Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SF32U Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SF31U THRU SF38U
C
version:01
2of2
www.dyelec.com
2
FIG. 1
– FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (
)
1.0
0
25
2.0
3.0
50
75
100
125
150
175
0.5
1.5
2.5
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG. -TYPICAL FORWARD CHARA TERISTICS
INSTANTANEOUS FORWARD VOLTAGE (V)
C
°
4
3
FIG.
– MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
200
150
100
50
0
100
50
20
10
1
2
5
100
1
10
100
10
1
4
FIG.
– TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, (V )
TJ = 25
°C f = 1 MHz
SF
- SF
SF
-SF38S
0.1
1.0
.01
10
50
Pulse Width 300us
1% Duty Cycle
.4
.6
.8
1.0 1.2 1.4 1.6
1.8
3.0
TA=25 C
31U
34 U
35U
U


Similar Part No. - SF32U

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SF32U DYELEC-SF32U Datasheet
616Kb / 2P
   3.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF32U

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SF31 DYELEC-SF31 Datasheet
557Kb / 2P
   3 .0 AMP. Super Fast Rectifiers
SF51 DYELEC-SF51 Datasheet
614Kb / 2P
   5 .0 AMP. Super Fast Rectifiers
logo
Bytes
SF161 BYTES-SF161 Datasheet
167Kb / 2P
   16.0 AMP SUPER FAST RECTIFIERS
logo
UNIOHM CORPORATION
SF61 UNIOHM-SF61 Datasheet
70Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF11 FORMOSA-SF11 Datasheet
36Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
SF21 FORMOSA-SF21 Datasheet
36Kb / 2P
   2.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF21 GWSEMI-SF21 Datasheet
71Kb / 2P
   2.0 AMP SUPER FAST RECTIFIERS
SF31 GWSEMI-SF31 Datasheet
71Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
SF11S GWSEMI-SF11S Datasheet
71Kb / 2P
   1.0 AMP SUPER FAST RECTIFIERS
SF101 GWSEMI-SF101 Datasheet
75Kb / 2P
   10.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com