Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPW60R125P6 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPW60R125P6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW60R125P6 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPW60R125P6 Datasheet HTML 2Page - Infineon Technologies AG IPW60R125P6 Datasheet HTML 3Page - Infineon Technologies AG IPW60R125P6 Datasheet HTML 4Page - Infineon Technologies AG IPW60R125P6 Datasheet HTML 5Page - Infineon Technologies AG IPW60R125P6 Datasheet HTML 6Page - Infineon Technologies AG IPW60R125P6 Datasheet HTML 7Page - Infineon Technologies AG IPW60R125P6 Datasheet HTML 8Page - Infineon Technologies AG IPW60R125P6 Datasheet HTML 9Page - Infineon Technologies AG IPW60R125P6 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
600VCoolMOS™P6PowerTransistor
IPW60R125P6,IPP60R125P6,IPA60R125P6
Rev.2.0,2014-03-07
Final Data Sheet
4Electricalcharacteristics
atTj=25°C,unlessotherwisespecified
Table5Staticcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Drain-source breakdown voltage
V(BR)DSS
600
-
-
V
VGS=0V,ID=1mA
Gate threshold voltage
V(GS)th
3.5
4.0
4.5
V
VDS=VGS,ID=0.96mA
Zero gate voltage drain current
IDSS
-
-
-
10
2
-
µA
VDS=600,VGS=0V,Tj=25°C
VDS=600,VGS=0V,Tj=150°C
Gate-source leakage current
IGSS
-
-
100
nA
VGS=20V,VDS=0V
Drain-source on-state resistance
RDS(on)
-
-
0.113
0.293
0.125
-
VGS=10V,ID=11.6A,Tj=25°C
VGS=10V,ID=11.6A,Tj=150°C
Gate resistance
RG
-
1.7
-
f=1MHz,opendrain
Table6Dynamiccharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Input capacitance
Ciss
-
2660
-
pF
VGS=0V,VDS=100V,f=1MHz
Output capacitance
Coss
-
110
-
pF
VGS=0V,VDS=100V,f=1MHz
Effective output capacitance,
energy related
1)
Co(er)
-
90
-
pF
VGS=0V,VDS=0...400V
Effective output capacitance,
time related
2)
Co(tr)
-
398
-
pF
ID=constant,VGS=0V,VDS=0...400V
Turn-on delay time
td(on)
-
14
-
ns
VDD=400V,VGS=13V,ID=14.5A,
RG=1.7
Ω;seetable9
Rise time
tr
-
9
-
ns
VDD=400V,VGS=13V,ID=14.5A,
RG=1.7
Ω;seetable9
Turn-off delay time
td(off)
-
44
-
ns
VDD=400V,VGS=13V,ID=14.5A,
RG=1.7
Ω;seetable9
Fall time
tf
-
5
-
ns
VDD=400V,VGS=13V,ID=14.5A,
RG=1.7
Ω;seetable9
Table7Gatechargecharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Gate to source charge
Qgs
-
16
-
nC
VDD=400V,ID=14.5A,VGS=0to10V
Gate to drain charge
Qgd
-
20
-
nC
VDD=400V,ID=14.5A,VGS=0to10V
Gate charge total
Qg
-
56
-
nC
VDD=400V,ID=14.5A,VGS=0to10V
Gate plateau voltage
Vplateau
-
6.1
-
V
VDD=400V,ID=14.5A,VGS=0to10V
1)Co(er)isafixedcapacitancethatgivesthesamestoredenergyasCosswhileVDSisrisingfrom0to400V
2)Co(tr)isafixedcapacitancethatgivesthesamechargingtimeasCosswhileVDSisrisingfrom0to400V


Similar Part No. - IPW60R125P6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R125P6 INFINEON-IPW60R125P6 Datasheet
2Mb / 18P
   Increased MOSFET dv/dt ruggedness
Rev.2.0,2014-03-07
logo
Inchange Semiconductor ...
IPW60R125P6 ISC-IPW60R125P6 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPW60R125P6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com