Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF5400G Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # UF5400G
Description  3.0 AMP. Ultra Fast Rectifiers G lass
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

UF5400G Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  UF5400G Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. UF5400G Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free: For RoHS/Lead Free Version
STG
3.0
· Low forward voltage drop
· High current capability
· High reliability
· High surge current capability
Mechanical Data
· Case: Molded plastic DO-201AD
· Terminals: Plated leads solderable per
MIL-STD-202,Method 208 guaranteed
· Polarity: Color band dentes cathode end
· Mounting Position: Any
· Making: Type Number
·
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL UF5400G UF5401G UF5402G UF5404G UF5406G UF5407G UF5408G Unit
VRRM
50
100
200
300
600
800
1000
V
VRMS
35
70
140
210
420
560
700
V
VDC
50
100
200
300
600
800
1000
V
IO
A
IFSM
A
VFM
1.3
V
CJ
pF
RθJA
/W
Trr
ns
TJ
T
UF5400G
THRU UF5408G
Features
Maximum Ratings and Electrical Characteristics
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current.375"(9.5mm) lead length@TA=50
3.0
Peak Forward Surge Current 8.3ms Single
half sine-wave superimposed on rated load
(JEDEC Method)
125
50
75
Forward Voltage
@IF=3.0A
1.0
1.7
Peak Reverse Current
@TA=25
5.0
At Rated DC Blocking Voltage @TA=100
75
200
-55 to +150
/Storage Temperature Range
-55 to +150
2. Leads maintained at ambient temperature at a distance of 9.5mm from the case
Typical Junction Capacitance (Note 1)
45
36
Typical Thermal Resistance Junction to
Ambient(Note 2)
25
Maximum Reverse Recovery Time(Note 3)
3.Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A
version:01
1of2
www.dyelec.com
IR
uA
Note: 1. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
Operating Temperature Range
Plastic material-UL
94V-0
·
flammability
AMP.
Ultra Fast Rectifiers
G lass
Dimensions in inches and (millimeters)
MIN.
MIN.
DIA.
DIA.
DO-201AD
0.96(24.5)
0.96(24.5)


Similar Part No. - UF5400G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
UF5400G JGD-UF5400G Datasheet
165Kb / 2P
   3.0 AMP. GLASS PASSIVATED ULTRA FAST RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
UF5400G SAMYANG-UF5400G Datasheet
464Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Won-Top Electronics
UF5400G WTE-UF5400G Datasheet
58Kb / 4P
   3.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Galaxy Semi-Conductor H...
UF5400G BILIN-UF5400G Datasheet
81Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Chongqing Pingwei Enter...
UF5400G CHONGQING-UF5400G Datasheet
39Kb / 1P
   ULTRAFAST RECTIFIER
More results

Similar Description - UF5400G

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UF5400GU DYELEC-UF5400GU Datasheet
586Kb / 2P
   3.0 AMP. Ultra Fast Rectifiers G lass
logo
Jinan Gude Electronic D...
UF5400 JGD-UF5400 Datasheet
159Kb / 2P
   3.0 AMP. ULTRA FAST RECTIFIERS
logo
DIYI Electronic Technol...
UF5400 DYELEC-UF5400 Datasheet
552Kb / 2P
   AMP. Ultra Fast Rectifiers 3.0
UF5400U DYELEC-UF5400U Datasheet
553Kb / 2P
   3.0 AMP. Ultra Fast Rectifiers
HER601G DYELEC-HER601G Datasheet
881Kb / 2P
   6.0 AMP. High Efficient Rectifiers G lass
SF11G DYELEC-SF11G Datasheet
770Kb / 2P
   1.0 AMP. lass Super Fast Rectifiers
HER301GU DYELEC-HER301GU Datasheet
549Kb / 2P
   3 .0 AMP. High Efficient Rectifiers G lass
HER301G DYELEC-HER301G Datasheet
547Kb / 2P
   3 .0 AMP. High Efficient Rectifiers G lass
FR601G DYELEC-FR601G Datasheet
595Kb / 2P
   6.0 AMP F ast Rectifiers Recovery G lass
FR301GU DYELEC-FR301GU Datasheet
536Kb / 2P
   3 .0 AMP F ast Rectifiers Recovery G lass
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com