Electronic Components Datasheet Search
Selected language     English  ▼


LM2677 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM2677
Description  SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 3 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Supply Voltage
45V
ON/OFF Pin Voltage
−0.1V to 6V
Switch Voltage to Ground
−1V to V
IN
Boost Pin Voltage
V
SW +8V
Feedback Pin Voltage
−0.3V to 14V
Power Dissipation
Internally Limited
ESD (Note 2)
2 kV
Storage Temperature Range
−65˚C to 150˚C
Soldering Temperature
Wave
4 sec, 260˚C
Infrared
10 sec, 240˚C
Vapor Phase
75 sec, 219˚C
Operating Ratings
Supply Voltage
8V to 40V
Junction Temperature Range (T
J)
−40˚C to 125˚C
Electrical Characteristics Limits appearing in bold type face apply over the entire junction temperature
range of operation, −40˚C to 125˚C. Specifications appearing in normal type apply for T
A =TJ = 25˚C. Sync pin open
circuited.
LM2677-3.3
Symbol
Parameter
Conditions
Typical
Min
Max
Units
(Note 3)
(Note 4)
(Note 4)
V
OUT
Output Voltage
V
IN = 8V to 40V, 100mA
≤ I
OUT
≤ 5A
3.3
3.234/3.201
3.366/3.399
V
η
Efficiency
V
IN = 12V, ILOAD =5A
82
%
LM2677-5.0
Symbol
Parameter
Conditions
Typical
Min
Max
Units
(Note 3)
(Note 4)
(Note 4)
V
OUT
Output Voltage
V
IN = 8V to 40V, 100mA
≤ I
OUT
≤ 5A
5.0
4.900/4.850
5.100/5.150
V
η
Efficiency
V
IN = 12V, ILOAD =5A
84
%
LM2677-12
Symbol
Parameter
Conditions
Typical
Min
Max
Units
(Note 3)
(Note 4)
(Note 4)
V
OUT
Output Voltage
V
IN = 15V to 40V, 100mA
≤ I
OUT
≤ 5A
12
11.76/11.64
12.24/12.36
V
η
Efficiency
V
IN = 24V, ILOAD =5A
92
%
LM2677-ADJ
Symbol
Parameter
Conditions
Typ
Min
Max
Units
(Note 3)
(Note 4)
(Note 4)
V
FB
Feedback
Voltage
V
IN = 8V to 40V, 100mA
≤ I
OUT
≤ 5A
V
OUT Programmed for 5V
1.21
1.186/1.174
1.234/1.246
V
η
Efficiency
V
IN = 12V, ILOAD =5A
84
%
www.national.com
3




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM2670SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2671SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2672SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2676SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2678SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2674SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2675SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2678S-12SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2673SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit 1 2 3 4 5 MoreNational Semiconductor (TI)
LM2590HVSIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl