Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2677 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2677
Description  SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2677 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2677 Datasheet HTML 1Page - National Semiconductor (TI) LM2677 Datasheet HTML 2Page - National Semiconductor (TI) LM2677 Datasheet HTML 3Page - National Semiconductor (TI) LM2677 Datasheet HTML 4Page - National Semiconductor (TI) LM2677 Datasheet HTML 5Page - National Semiconductor (TI) LM2677 Datasheet HTML 6Page - National Semiconductor (TI) LM2677 Datasheet HTML 7Page - National Semiconductor (TI) LM2677 Datasheet HTML 8Page - National Semiconductor (TI) LM2677 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
All Output Voltage Versions
Electrical Characteristics
Limits appearing in bold type face apply over the entire junction temperature range of operation, −40˚C to 125˚C. Specifica-
tions appearing in normal type apply for T
A =TJ = 25˚C. Unless otherwise specified VIN=12V for the 3.3V, 5V and Adjustable
versions and V
IN=24V for the 12V version, Sync pin open circuited..
Symbol
Parameter
Conditions
Typ
Min
Max
Units
DEVICE PARAMETERS
I
Q
Quiescent
Current
V
FEEDBACK = 8V
4.2
6
mA
For 3.3V, 5.0V, and ADJ Versions
V
FEEDBACK = 15V
For 12V Versions
I
STBY
Standby
Quiescent
Current
ON/OFF Pin = 0V
50
100/150
µA
I
CL
Current Limit
7
6.1/5.75
8.3/8.75
A
I
L
Output Leakage
Current
V
IN = 40V, ON/OFF Pin = 0V
V
SWITCH =0V
1
200
15
µA
V
SWITCH = −1V
6
mA
R
DS(ON)
Switch
On-Resistance
I
SWITCH =5A
0.12
0.14/0.225
f
O
Oscillator
Frequency
Measured at Switch Pin
260
225
280
kHz
D
Duty Cycle
Maximum Duty Cycle
91
%
Minimum Duty Cycle
0
%
I
BIAS
Feedback Bias
Current
V
FEEDBACK = 1.3V
ADJ Version Only
85
nA
V
ON/OFF
ON/OFF
Threshold
Voltage
1.4
0.8
2.0
V
I
ON/OFF
ON/OFF Input
Current
ON/OFF Input = 0V
20
45
µA
F
SYNC
Synchronization
Frequency
V
SYNC(Pin 5)=3.5V, 50% Duty Cycle
400
KHz
V
SYNC
SYNC Threshold
Voltage
1.4
V
θ
JA
Thermal
Resistance
T Package, Junction to Ambient
65
(Note 5)
θ
JA
T Package, Junction to Ambient
45
(Note 6)
θ
JC
T Package, Junction to Case
2
θ
JA
S Package, Junction to Ambient
56
˚C/W
(Note 7)
θ
JA
S Package, Junction to Ambient
35
(Note 8)
θ
JA
S Package, Junction to Ambient
26
(Note 9)
θ
JC
S Package, Junction to Case
2
++
θ
JA
SD Package, Junction to Ambient
55
˚C/W
(Note 10)
θ
JA
SD Package, Junction to Ambient
29
(Note 11)
www.national.com
4


Similar Part No. - LM2677

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2677S-12/NOPB TI1-LM2677S-12/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2677S-3.3 TI1-LM2677S-3.3 Datasheet
1Mb / 34P
[Old version datasheet]   LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2677S-3.3/NOPB TI1-LM2677S-3.3/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2677S-5.0 TI1-LM2677S-5.0 Datasheet
1Mb / 34P
[Old version datasheet]   LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2677S-5.0/NOPB TI1-LM2677S-5.0/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
More results

Similar Description - LM2677

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2670 NSC-LM2670 Datasheet
459Kb / 26P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SD-5.0 TI-LM2678SD-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2670SX-33 TI-LM2670SX-33 Datasheet
1Mb / 36P
[Old version datasheet]   LM2670 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
LM2670EP TI1-LM2670EP Datasheet
494Kb / 28P
[Old version datasheet]   LM2670EP Enhanced Plastic SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com