Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PALCE20V8 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # PALCE20V8
Description  Flash Erasable, Reprogrammable CMOS PAL Device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PALCE20V8 Datasheet(HTML) 1 Page - Cypress Semiconductor

  PALCE20V8 Datasheet HTML 1Page - Cypress Semiconductor PALCE20V8 Datasheet HTML 2Page - Cypress Semiconductor PALCE20V8 Datasheet HTML 3Page - Cypress Semiconductor PALCE20V8 Datasheet HTML 4Page - Cypress Semiconductor PALCE20V8 Datasheet HTML 5Page - Cypress Semiconductor PALCE20V8 Datasheet HTML 6Page - Cypress Semiconductor PALCE20V8 Datasheet HTML 7Page - Cypress Semiconductor PALCE20V8 Datasheet HTML 8Page - Cypress Semiconductor PALCE20V8 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Flash Erasable,
Reprogrammable CMOS PALDevice
PALCE20V8
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-03026 Rev. **
Revised March 26, 1997
20V8
Features
• Active pull-up on data input pins
• Low power version (20V8L)
— 55 mA max. commercial (15, 25 ns)
— 65 mA max. military/industrial
(15, 25 ns)
• Standard version has low power
— 90 mA max. commercial
(15, 25 ns)
— 115 mA max. commercial (10 ns)
— 130 mA max. military/industrial (15, 25 ns)
• CMOS Flash technology for electrical erasability and
reprogrammability
• User-programmable macrocell
— Output polarity control
— Individually selectable for registered or combinato-
rial operation
• QSOP package available
— 10, 15, and 25 ns com’l version
— 15, and 25 ns military/industrial versions
• High reliability
— Proven Flash technology
— 100% programming and functional testing
Functional Description
The Cypress PALCE20V8 is a CMOS Flash Erasable sec-
ond-generation programmable array logic device. It is imple-
mented with the familiar sum-of-product (AND-OR) logic struc-
ture and the programmable macrocell.
The PALCE20V8 is executed in a 24-pin 300-mil molded DIP,
a 300-mil cerdip, a 28-lead square ceramic leadless chip car-
rier, a 28-lead square plastic leaded chip carrier, and a 24-lead
quarter size outline. The device provides up to 20 inputs and
8 outputs. The PALCE20V8 can be electrically erased and re-
programmed. The programmable macrocell enables the de-
vice to function as a superset to the familiar 24-pin PLDs such
as 20L8, 20R8, 20R6, 20R4.
PAL is a registered trademark of Advanced Micro Devices, Inc.
Logic Block Diagram (PDIP/CDIP/QSOP)
20V8–1
88
88
8
8
8
8
10
9
8
7
6
5
432
1
13
15
16
17
18
19
20
21
22
23
PROGRAMMABLE
AND ARRAY
(64 x 40)
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
Macrocell
I9
I8
I7
I6
I5
I4
I3
I2
I1
CLK/I0
OE/I11
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I13
12
GND
11
I10
MUX
24
VCC
MUX
14
I12


Similar Part No. - PALCE20V8

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PALCE20V8 AMD-PALCE20V8 Datasheet
235Kb / 16P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Cypress Semiconductor
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
316Kb / 14P
   Flash-Erasable Reprogrammable CMOS PAL짰 Device
PALCE20V8-10 CYPRESS-PALCE20V8-10 Datasheet
316Kb / 14P
   Flash-Erasable Reprogrammable CMOS PAL짰 Device
More results

Similar Description - PALCE20V8

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
5962-8867004LA CYPRESS-5962-8867004LA Datasheet
337Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALCE16V8 CYPRESS-PALCE16V8 Datasheet
300Kb / 13P
   Flash-Erasable Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D Datasheet
684Kb / 11P
   FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
PALCE20V8 CYPRESS-PALCE20V8_04 Datasheet
316Kb / 14P
   Flash-Erasable Reprogrammable CMOS PAL짰 Device
PALC22V10D CYPRESS-PALC22V10D_07 Datasheet
328Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10 CYPRESS-PALCE22V10_96 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com