Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32921C3104M Datasheet(PDF) 11 Page - TDK Electronics

Part # B32921C3104M
Description  EMI Suppression Capacitors (MKP)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32921C3104M Datasheet(HTML) 11 Page - TDK Electronics

Back Button B32921C3104M Datasheet HTML 7Page - TDK Electronics B32921C3104M Datasheet HTML 8Page - TDK Electronics B32921C3104M Datasheet HTML 9Page - TDK Electronics B32921C3104M Datasheet HTML 10Page - TDK Electronics B32921C3104M Datasheet HTML 11Page - TDK Electronics B32921C3104M Datasheet HTML 12Page - TDK Electronics B32921C3104M Datasheet HTML 13Page - TDK Electronics B32921C3104M Datasheet HTML 14Page - TDK Electronics B32921C3104M Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Permissible AC current IRMS versus frequency f
(for sinusoidal waveforms TA
≤ 90 °C and ΔESR < 100% from receipt condition)
Lead spacing 37.5 mm
Lead spacing 52.5 mm
B32921C/D ... B32928C/D
X2/305VAC
Page 11 of 24
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32921C3104M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32921C3104M EPCOS-B32921C3104M Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
B32921C3104M000 EPCOS-B32921C3104M000 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32921C3104M189 EPCOS-B32921C3104M189 Datasheet
355Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
Texas Instruments
B32921C3104M189 TI1-B32921C3104M189 Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
logo
EPCOS
B32921C3104M189 EPCOS-B32921C3104M189 Datasheet
356Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32921C3104M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32924C3105M EPCOS-B32924C3105M Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
B32023A3683M EPCOS-B32023A3683M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
B32021A3472M EPCOS-B32021A3472M Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32922C3334K189 EPCOS-B32922C3334K189 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
B81130C1103289 EPCOS-B81130C1103289 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B32921CD EPCOS-B32921CD Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81123 TDK-B81123_16 Datasheet
333Kb / 19P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222K EPCOS-B32021A3222K Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32926E3335M EPCOS-B32926E3335M Datasheet
317Kb / 18P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com