Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PALCE20V8-5JC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # PALCE20V8-5JC
Description  Flash Erasable, Reprogrammable CMOS PAL Device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PALCE20V8-5JC Datasheet(HTML) 3 Page - Cypress Semiconductor

  PALCE20V8-5JC Datasheet HTML 1Page - Cypress Semiconductor PALCE20V8-5JC Datasheet HTML 2Page - Cypress Semiconductor PALCE20V8-5JC Datasheet HTML 3Page - Cypress Semiconductor PALCE20V8-5JC Datasheet HTML 4Page - Cypress Semiconductor PALCE20V8-5JC Datasheet HTML 5Page - Cypress Semiconductor PALCE20V8-5JC Datasheet HTML 6Page - Cypress Semiconductor PALCE20V8-5JC Datasheet HTML 7Page - Cypress Semiconductor PALCE20V8-5JC Datasheet HTML 8Page - Cypress Semiconductor PALCE20V8-5JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PALCE20V8
Document #: 38-03026 Rev. **
Page 3 of 14
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature
..................................... −65°C to +150°C
Ambient Temperature with
Power Applied
.................................................. −55°C to +125°C
Supply Voltage to Ground Potential
(Pin 24 to Pin 12)
.................................................−0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State
.....................................................−0.5V to +7.0V
DC Input Voltage
.................................................−0.5V to +7.0V
Output Current into Outputs (LOW)............................. 24 mA
DC Programming Voltage............................................. 12.5V
Latch-Up Current ..................................................... >200 mA
Configuration Table
CG0
CG1
CL0x
Cell Configuration
Devices Emulated
0
1
0
Registered Output
Registered Med PALs
0
1
1
Combinatorial I/O
Registered Med PALs
1
0
0
Combinatorial Output
Small PALs
1
0
1
Input
Small PALs
1
1
1
Combinatorial I/O
20L8 only
Macrocell
Q
Q
D
CLK
20V8–4
1
1
0
0
1
X
CL1x
0
1
X
0
1 1
I/Ox
From
Adjacent
Pin
CL0x
CG1 for pin 16 to 21 (DIP)
CG0 for pin 15 and 22 (DIP)
1
0
0
1
1 1
0 0
0
1
X
0
1 1
OE
VCC
To
Adjacent
Macrocell
CL0x
CG1
VCC
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +75°C
5V
±5%
Industrial
−40
°C to +85°C
5V
±10%
Military[1]
−55
°C to +125°C
5V
±10%
Note:
1.
TA is the “instant on” case temperature.


Similar Part No. - PALCE20V8-5JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE20V8-5 CYPRESS-PALCE20V8-5 Datasheet
316Kb / 14P
   Flash-Erasable Reprogrammable CMOS PAL짰 Device
More results

Similar Description - PALCE20V8-5JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
5962-8867004LA CYPRESS-5962-8867004LA Datasheet
337Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALCE16V8 CYPRESS-PALCE16V8 Datasheet
300Kb / 13P
   Flash-Erasable Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D Datasheet
684Kb / 11P
   FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
PALCE20V8 CYPRESS-PALCE20V8_04 Datasheet
316Kb / 14P
   Flash-Erasable Reprogrammable CMOS PAL짰 Device
PALC22V10D CYPRESS-PALC22V10D_07 Datasheet
328Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10 CYPRESS-PALCE22V10_96 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com