Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPW65R080CFDA Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPW65R080CFDA
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW65R080CFDA Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPW65R080CFDA Datasheet HTML 2Page - Infineon Technologies AG IPW65R080CFDA Datasheet HTML 3Page - Infineon Technologies AG IPW65R080CFDA Datasheet HTML 4Page - Infineon Technologies AG IPW65R080CFDA Datasheet HTML 5Page - Infineon Technologies AG IPW65R080CFDA Datasheet HTML 6Page - Infineon Technologies AG IPW65R080CFDA Datasheet HTML 7Page - Infineon Technologies AG IPW65R080CFDA Datasheet HTML 8Page - Infineon Technologies AG IPW65R080CFDA Datasheet HTML 9Page - Infineon Technologies AG IPW65R080CFDA Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
!
" #
$ %
)
+
&
7B C
D)
++
E + +( 9 @ 4
)
"
&
!
!
!
"
#
$
%
+
9 ?
:4 E
& !
abNc
O C
*
C
.
>
+
4
&
O aS^c
,
C O
*
C
-
.
d
&
& 4
9
*
1.
C
O C
7B C
D)
C
O C
7B C
D)
>
+
9
: & 9
* O
.
O C
C
+
9
+
+ +
9
aTec
-
#
$
O C
*
C - .
7B C
D)
6
O C
*
C - .
7B C
D)
>
+ +
9
O
-
$
@ C ;AQ
(
4
,
&
!
!
!
"
#
$
%
* (
9 ( 9
9
)fKK
(
O C
C
@ C ;AQ
8 (
9 ( 9
9
)TKK
(
/@@ 9
(
9 ( 9
9
&'
4 !
)TaLgc
(
O C
C
/@@ 9
(
9 ( 9
9
4,!
)TaSgc
-
(
*
C 9
+
O C
C
7
4
'
`aTec
+
C
O C ,
*
C
,.
O C
#$
+
?
-!
+
g
#
+
7
@@ 4
'
`aTYYc
#
+
Y
+
-
.
&
&
!
!
!
"
#
$
%
>
+
9 9
&
%UK
#
)
C #
*
C
,.
O C
>
4
9
&
%U`
#-
)
>
9
&
%U
)
>
(
&
HJ[SL[I
!
(( 9
+ E
(( 4 ? 9: &
& P
h @
+( 9 @ 4 ? 9: &
&
E
9
4
( 9
@
9 +
9
4
@@ 9
' 4 + & (
+
++ ++
(
+ 9
9
9
* @
+
+ @@ 9
! )TaLgc +
@ " 4 9 ( 9
9
&
+
+
+
4
&' + )TKK E
+ + & @
,! )TaSgc +
@ " 4 9 ( 9
9
&
+
+
9
& &
+ )TKK E
+ + & @


Similar Part No. - IPW65R080CFDA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW65R080CFD INFINEON-IPW65R080CFD Datasheet
1Mb / 12P
   650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-02
IPW65R080CFD INFINEON-IPW65R080CFD Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-27 revision:2.4
logo
Inchange Semiconductor ...
IPW65R080CFD ISC-IPW65R080CFD Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPW65R080CFD INFINEON-IPW65R080CFD_11 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-27 revision:2.4
More results

Similar Description - IPW65R080CFDA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com