Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPT65R033G7 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IPT65R033G7
Description  650V CoolMOS짧 C7 Gold series (G7) Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPT65R033G7 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IPT65R033G7 Datasheet HTML 4Page - Infineon Technologies AG IPT65R033G7 Datasheet HTML 5Page - Infineon Technologies AG IPT65R033G7 Datasheet HTML 6Page - Infineon Technologies AG IPT65R033G7 Datasheet HTML 7Page - Infineon Technologies AG IPT65R033G7 Datasheet HTML 8Page - Infineon Technologies AG IPT65R033G7 Datasheet HTML 9Page - Infineon Technologies AG IPT65R033G7 Datasheet HTML 10Page - Infineon Technologies AG IPT65R033G7 Datasheet HTML 11Page - Infineon Technologies AG IPT65R033G7 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
650VCoolMOSªC7Goldseries(G7)PowerTransistor
IPT65R033G7
Rev.2.1,2016-03-14
Final Data Sheet
Diagram5:Typ.outputcharacteristics
VDS[V]
0
5
10
15
20
0
50
100
150
200
250
300
20 V
10 V
8 V
7 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=25°C;parameter:VGS
Diagram6:Typ.outputcharacteristics
VDS[V]
0
5
10
15
20
0
20
40
60
80
100
120
140
160
180
200
20 V
10 V
8 V
7 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=125°C;parameter:VGS
Diagram7:Typ.drain-sourceon-stateresistance
ID[A]
0
20
40
60
80
100
120
140
160
180
0.05
0.06
0.07
0.08
0.09
0.10
20 V
5.5 V
6 V
6.5 V
7 V
10 V
RDS(on)=f(ID);Tj=125°C;parameter:VGS
Diagram8:Drain-sourceon-stateresistance
Tj[°C]
-50
-25
0
25
50
75
100
125
150
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
98%
typ
RDS(on)=f(Tj);ID=28.9A;VGS=10V


Similar Part No. - IPT65R033G7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPT65R040CFD7 INFINEON-IPT65R040CFD7 Datasheet
1Mb / 14P
   650V CoolMOSª CFD7 SJ Power Device
Rev. 2.1, 2022-08-04
IPT65R060CFD7 INFINEON-IPT65R060CFD7 Datasheet
1Mb / 14P
   650V CoolMOSª CFD7 SJ Power Device
Rev. 2.1, 2022-08-04
IPT65R080CFD7 INFINEON-IPT65R080CFD7 Datasheet
1Mb / 14P
   650V CoolMOSª CFD7 SJ Power Device
Rev. 2.0, 2022-08-03
IPT65R099CFD7 INFINEON-IPT65R099CFD7 Datasheet
1Mb / 14P
   650V CoolMOSª CFD7 SJ Power Device
Rev. 2.1, 2022-08-04
More results

Similar Description - IPT65R033G7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPT65R105G7 INFINEON-IPT65R105G7 Datasheet
986Kb / 14P
   650V CoolMOS짧 C7 Gold series (G7) Power Transistor
Rev.2.1,2016-03-14
IPT65R195G7 INFINEON-IPT65R195G7 Datasheet
998Kb / 14P
   650V CoolMOS짧 C7 Gold series (G7) Power Transistor
Rev.2.1,2016-03-14
IPT60R125G7 INFINEON-IPT60R125G7 Datasheet
981Kb / 14P
   600V CoolMOS짧 G7 Power Transistor
Rev.2.0,2016-12-15
IPT60R080G7 INFINEON-IPT60R080G7 Datasheet
979Kb / 14P
   600V CoolMOS짧 G7 Power Transistor
Rev.2.0,2017-01-27
IPT60R102G7 INFINEON-IPT60R102G7 Datasheet
967Kb / 14P
   600V CoolMOS짧 G7 Power Transistor
Rev.2.0,2016-12-15
IPT60R150G7 INFINEON-IPT60R150G7 Datasheet
1,000Kb / 14P
   600V CoolMOS짧 G7 Power Transistor
Rev.2.0,2016-12-15
IPT60R028G7 INFINEON-IPT60R028G7 Datasheet
998Kb / 14P
   600V CoolMOS짧 G7 Power Transistor
Rev.2.0,2016-12-15
IPL60R185C7 INFINEON-IPL60R185C7 Datasheet
1Mb / 14P
   600V CoolMOS짧 C7 Power Transistor
Rev.2.0,2015-12-11
IPZ60R017C7 INFINEON-IPZ60R017C7 Datasheet
1Mb / 14P
   600V CoolMOS짧 C7 Power Transistor
Rev.2.0,2016-03-01
IPL60R065C7 INFINEON-IPL60R065C7 Datasheet
1Mb / 14P
   600V CoolMOS짧 C7 Power Transistor
Rev.2.1,2017-08-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com