Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPT004N03L Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPT004N03L
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPT004N03L Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPT004N03L Datasheet HTML 4Page - Infineon Technologies AG IPT004N03L Datasheet HTML 5Page - Infineon Technologies AG IPT004N03L Datasheet HTML 6Page - Infineon Technologies AG IPT004N03L Datasheet HTML 7Page - Infineon Technologies AG IPT004N03L Datasheet HTML 8Page - Infineon Technologies AG IPT004N03L Datasheet HTML 9Page - Infineon Technologies AG IPT004N03L Datasheet HTML 10Page - Infineon Technologies AG IPT004N03L Datasheet HTML 11Page - Infineon Technologies AG IPT004N03L Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
OptiMOSTMPower-MOSFET,30V
IPT004N03L
Rev.2.0,2014-10-08
Final Data Sheet
6PackageOutlines
Z8B00169619
REVISION
ISSUE DATE
EUROPEAN PROJECTION
02
20-02-2014
DOCUMENT NO.
E5
E4
K1
e
MILLIMETERS
A
DIM
MIN
MAX
INCHES
MIN
MAX
b1
c
D
D2
E
E1
N
L
2.20
2.40
0.087
0.094
9.70
0.40
10.28
9.70
1.60
9.90
0.60
10.58
10.10
2.10
0.382
0.016
0.405
0.382
0.063
0.390
0.024
0.416
0.398
0.083
8
8
1.20 (BSC)
0.047 (BSC)
b
0.70
0.90
0.028
0.035
1) partially covered with Mold Flash
b2
0.42
0.50
0.017
0.020
H
H1
11.48
11.88
0.452
0.468
H2
7.15
0.281
H3
3.59
0.141
H4
3.26
0.128
L1
0.70
0.028
3.30
0.130
7.50
0.295
8.50
0.335
9.46
0.372
6.55
6.75
0.258
0.266
4.18
0.165
L4
1.00
1.30
0.039
0.051
L2
0.60
0.024
2
SCALE
0
4mm
0
2
Figure1OutlinePG-HSOF-8-1


Similar Part No. - IPT004N03L

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
IPT0001A33R-A HONEYWELL-IPT0001A33R-A Datasheet
368Kb / 2P
   Integrated Pressure Transducer
IPT0001D33R-A HONEYWELL-IPT0001D33R-A Datasheet
368Kb / 2P
   Integrated Pressure Transducer
IPT0001G33R-A HONEYWELL-IPT0001G33R-A Datasheet
368Kb / 2P
   Integrated Pressure Transducer
IPT0002A33R-A HONEYWELL-IPT0002A33R-A Datasheet
368Kb / 2P
   Integrated Pressure Transducer
IPT0002D33R-A HONEYWELL-IPT0002D33R-A Datasheet
368Kb / 2P
   Integrated Pressure Transducer
More results

Similar Description - IPT004N03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com