Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1658 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SK1658
Description  N-channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SK1658 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SK1658 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SK1658 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SK1658 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SK1658 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SK1658 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-323 Plastic-Encapsulate
MOSFETS
2SK
1658 N-channel MOSFET
SOT-323
1. GATE
2. SOURCE
3. DRAIN
MOSFET MAXIMUM RATINGS (Ta = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
VDS
Drain-Source voltage
30
V
VGS
Gate-Source Voltage
±
7
V
ID
Continuous Drain Current
0.1
A
PD
Power Dissipation
0.2
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
RθJA
Thermal Resistance
from Junction to Ambient
625
℃ /W
www.cj-elec.com
1
B,Apr,2015
M
ARKING
Equivalent Circuit
FEATURE
Low on-resistance
Fast switching speed
Low voltage drive makes this device ideal for
Easily designed drive circuits
Easy to parallel
Portable equipment
V(BR)DSS
RDS(on)MAX
ID
30 V
 
10Ω@4V 
100mA
15Ω@2.5V 
 
Interfacing , Switching
APPLICATION


Similar Part No. - 2SK1658

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1658 NEC-2SK1658 Datasheet
392Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
logo
Renesas Technology Corp
2SK1658 RENESAS-2SK1658 Datasheet
915Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
1991
More results

Similar Description - 2SK1658

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com