Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32778J4157K000 Datasheet(PDF) 9 Page - TDK Electronics

Part # B32778J4157K000
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32778J4157K000 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B32778J4157K000 Datasheet HTML 5Page - TDK Electronics B32778J4157K000 Datasheet HTML 6Page - TDK Electronics B32778J4157K000 Datasheet HTML 7Page - TDK Electronics B32778J4157K000 Datasheet HTML 8Page - TDK Electronics B32778J4157K000 Datasheet HTML 9Page - TDK Electronics B32778J4157K000 Datasheet HTML 10Page - TDK Electronics B32778J4157K000 Datasheet HTML 11Page - TDK Electronics B32778J4157K000 Datasheet HTML 12Page - TDK Electronics B32778J4157K000 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
1) Capacitance value measured at 1 kHz
2) Max ripple current IRMS at 70
°C, 10 kHz for ∆T ≤ 20 °C at ∆ESR
typ
≤ ±5%
3) Typical ESL value measured at resonance frequency (see specific graphs of Z vs freq)
Ordering codes and packing units (lead spacing 37.5 mm)
CR1)
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS,max2)
70
°C
10 kHz
A
ESRtyp
70
°C
10 kHz
m
ESLtyp3)
70
°C
10 kHz
nH
tan
δ
1 kHz
10-3
tan
δ
10 kHz
10-3
pcs.
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitance values are available on request.
Composition of ordering code
+ =
Capacitance tolerance code:
J =
±5%
K =
±10%
VR,70 °C = 800 V DC, Vop,85 °C = 700 V DC
6.8 24.0
× 15.0 × 41.5
B32776T8685+000
6.0
22.1
18.0
1.7
15.1
1040
8.5 24.0
× 19.0 × 41.5
B32776T8855+000
7.5
17.8
18.0
1.7
15.1
780
14
18.0
× 32.5 × 41.5
B32776E8146+000 10.0
11.5
23.0
1.8
16.3
720
15
20.0
× 39.5 × 41.5 10.2 B32776G8156+000 12.0
9.6
10.0
1.7
15.2
640
15
20.0
× 39.5 × 41.5
B32776E8156+000 11.5
10.3
24.0
1.7
15.7
640
20
28.0
× 37.0 × 42.0 10.2 B32776G8206+000 14.5
7.5
10.0
1.7
15.3
440
20
28.0
× 37.0 × 42.0
B32776E8206+000 14.5
7.8
24.0
1.7
15.9
440
20
43.0
× 22.0 × 41.5 20.3 B32776T8206K000 14.5
7.2
14.0
1.7
15.1
280
22
28.0
× 37.0 × 42.0 10.2 B32776G8226+000 15.5
6.8
11.0
1.7
15.3
440
22
28.0
× 37.0 × 42.0
B32776E8226+000 15.0
7.1
25.0
1.7
16.0
440
25
28.0
× 42.5 × 41.5 10.2 B32776G8256+000 17.0
6.1
11.0
1.7
15.4
440
25
28.0
× 42.5 × 41.5
B32776E8256+000 16.5
6.4
28.0
1.8
16.3
440
30
30.0
× 45.0 × 42.0 20.3 B32776G8306+000 19.5
5.1
12.0
1.7
15.6
400
30
30.0
× 45.0 × 42.0
B32776E8306+000 19.0
5.5
30.0
1.8
16.7
400
35
33.0
× 48.0 × 42.0 20.3 B32776G8356+000 22.0
4.3
14.0
1.7
15.7
180
VR,70 °C = 900 V DC, Vop,85 °C = 800 V DC
5
24.0
× 15.0 × 41.5
B32776T9505+000
5.5
26.1
19.0
1.5
13.4
1040
7.5 24.0
× 19.0 × 41.5
B32776T9755K000
7.5
17.8
18.0
1.5
13.5
780
15
20.0
× 39.5 × 41.5 10.2 B32776G9156K000 12.5
9.1
12.0
1.5
13.6
640
15
20.0
× 39.5 × 41.5
B32776E9156K000 12.0
9.4
28.0
1.5
14.1
640
16
43.0
× 22.0 × 41.5 20.3 B32776T9166K000 14.0
8.1
14.0
1.5
13.5
280
20
28.0
× 37.0 × 42.0 10.2 B32776G9206K000 15.0
7.0
11.0
1.5
13.6
440
20
28.0
× 37.0 × 42.0
B32776E9206K000 15.0
7.3
26.0
1.6
14.2
440
22
28.0
× 42.5 × 41.5 10.2 B32776G9226K000 17.0
6.3
12.0
1.5
13.7
440
22
28.0
× 42.5 × 41.5
B32776E9226K000 16.5
6.6
29.0
1.6
14.5
440
25
30.0
× 45.0 × 42.0 20.3 B32776G9256+000 19.0
5.5
13.0
1.5
13.8
400
25
30.0
× 45.0 × 42.0
B32776E9256+000 18.5
5.9
32.0
1.6
14.7
400
30
33.0
× 48.0 × 42.0 20.3 B32776G9306+000 21.5
4.7
14.0
1.5
13.9
180
B32776
MKP DC link
high density series
up to 480
µF
Page 9 of 45
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32778J4157K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32778J TDK-B32778J Datasheet
1Mb / 50P
   Film capacitors
December 2021
More results

Similar Description - B32778J4157K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com