Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32778J4487K000 Datasheet(PDF) 10 Page - TDK Electronics

Part # B32778J4487K000
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32778J4487K000 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B32778J4487K000 Datasheet HTML 6Page - TDK Electronics B32778J4487K000 Datasheet HTML 7Page - TDK Electronics B32778J4487K000 Datasheet HTML 8Page - TDK Electronics B32778J4487K000 Datasheet HTML 9Page - TDK Electronics B32778J4487K000 Datasheet HTML 10Page - TDK Electronics B32778J4487K000 Datasheet HTML 11Page - TDK Electronics B32778J4487K000 Datasheet HTML 12Page - TDK Electronics B32778J4487K000 Datasheet HTML 13Page - TDK Electronics B32778J4487K000 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
1) Capacitance value measured at 1 kHz
2) Max ripple current IRMS at 70
°C, 10 kHz for ∆T ≤ 20 °C at ∆ESR
typ
≤ ±5%
3) Typical ESL value measured at resonance frequency (see specific graphs of Z vs freq)
Ordering codes and packing units (lead spacing 37.5 mm)
CR1)
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS,max2)
70
°C
10 kHz
A
ESRtyp
70
°C
10 kHz
m
ESLtyp3)
70
°C
10 kHz
nH
tan
δ
1 kHz
10-3
tan
δ
10 kHz
10-3
pcs.
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitance values are available on request.
Composition of ordering code
+ =
Capacitance tolerance code:
J =
±5%
K =
±10%
VR,70 °C = 1100 V DC, Vop,85 °C = 920 V DC
3.9 24.0
× 15.0 × 41.5
B32776T0395+000
5.0
30.5
18.0
1.4
12.1
1040
5
24.0
× 19.0 × 41.5
B32776T0505+000
6.5
23.6
18.0
1.4
12.1
780
12
20.0
× 39.5 × 41.5 10.2 B32776G0126+000 12.0
10.2
12.0
1.4
12.2
640
12
20.0
× 39.5 × 41.5
B32776E0126+000 11.5
10.5
28.0
1.4
12.6
640
13
43.0
× 22.0 × 41.5 20.3 B32776T0136K000 13.0
8.9
14.0
1.4
12.1
280
14
28.0
× 37.0 × 42.0 10.2 B32776G0146+000 13.5
8.7
21.0
1.4
12.2
440
14
28.0
× 37.0 × 42.0
B32776E0146+000 13.5
9.0
25.0
1.4
12.6
440
16
28.0
× 42.5 × 41.5 10.2 B32776G0166+000 15.5
7.4
12.0
1.4
12.3
440
16
28.0
× 42.5 × 41.5
B32776E0166+000 15.0
7.8
30.0
1.4
12.9
440
20
30.0
× 45.0 × 42.0 20.3 B32776G0206+000 18.0
6.0
14.0
1.4
12.4
400
20
30.0
× 45.0 × 42.0
B32776E0206+000 17.5
6.5
32.0
1.4
13.1
400
22
33.0
× 48.0 × 42.0 20.3 B32776G0226+000 21.0
4.9
15.0
1.3
11.4
180
VR,70 °C = 1300 V DC, Vop,85 °C = 1100 V DC
2.7 24.0
× 15.0 × 41.5
B32776T1275+000
5.0
34.7
19.0
1.1
9.6
1040
3.5 24.0
× 19.0 × 41.5
B32776T1355+000
6.0
27.4
18.0
1.1
9.7
780
8.0 20.0
× 39.5 × 41.5 10.2 B32776G1805+000 11.0
12.1
12.0
1.1
9.7
640
8.0 20.0
× 39.5 × 41.5
B32776E1805+000 10.5
12.4
24.0
1.2
10.0
640
9.0 43.0
× 22.0 × 41.5 20.3 B32776T1905K000 12.0
10.7
13.0
1.1
9.7
280
10
28.0
× 37.0 × 42.0 10.2 B32776G1106+000 13.0
9.6
11.0
1.1
9.7
440
10
28.0
× 37.0 × 42.0
B32776E1106+000 12.5
9.9
26.0
1.2
10.0
440
12
28.0
× 42.5 × 41.5 10.2 B32776G1126+000 14.5
8.1
12.0
1.1
9.8
440
12
28.0
× 42.5 × 41.5
B32776E1126+000 14.0
8.5
28.0
1.2
10.1
440
14
30.0
× 45.0 × 42.0 20.3 B32776G1146+000 17.0
6.8
14.0
1.1
10.1
400
14
30.0
× 45.0 × 42.0
B32776E1146+000 16.5
7.3
32.0
1.2
10.4
400
16
33.0
× 48.0 × 42.0 20.3 B32776G1166+000 19.0
6.0
15.0
1.1
9.9
180
B32776
MKP DC link
high density series
up to 480
µF
Page 10 of 45
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32778J4487K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32778J TDK-B32778J Datasheet
1Mb / 50P
   Film capacitors
December 2021
More results

Similar Description - B32778J4487K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com