Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4444 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACT4444
Description  Transceiver for MIL-STD-1553 /MACAIR in a Chipscale Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4444 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACT4444 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4444 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
SCD4444 Rev B
ELECTRICAL CHARACTERISTICS – RECEIVER SECTION 1/ 2/
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Differential Input Impedance
f = 1MHz
ZIN
10K
-
-
Differential Input Voltage Range
-
VIDR
-
-
40
Vp-p
Input Common Mode Voltage Range
-
VICR
10
-
-
Vp-p
Common Mode Rejection Ratio
-
CMRR
40
-
-
dB
STROBE CHARACTERISTICS (LOGIC "0" INHIBITS OUTPUT)
"0" Input Current
VS = 0.4 V
IIL
-
-0.2
-0.4
mA
"1" Input Current
VS = 2.7 V
IIH
-1.0
+40
µA
"0" Input Voltage
-
VIL
--
0.7
V
"1" Input Voltage
-
VIH
2.0
-
-
V
Strobe Delay (Turn-on or Turn-off)
-
tSD
-
-
250
nS
THRESHOLD CHARACTERISTICS (SINEWAVE INPUT )
Internal Threshold Voltage
(See Figure 3 or 4)
Pt. B - B’
1MHz
VTH
0.60
0.80
1.10
Vp-p
OUTPUT CHARACTERISTICS, RX DATA AND RX DATA
"1" State
IOH = -0.4 mA
VOH
2.5
3.6
-
V
"0" State
IOL = 4 mA
VOL
-0.35
0.5
V
Delay (average), from differential input zero
crossings to RX DATA and RX DATA output
50% points
6/
tDRX
-
300
500
nS
POWER SUPPLY CURRENT 1/ 2/
Duty Cycle
Condition
Symbol
Typ
Max
Unit
Transmitter
Standby
Pt. B - B’, ZO = 70 Ω, VO = 29 VPK-PK
Bit Pattern = FFFF
HEX
Figure 3 or 4
ICC
IEE
IL
5
25
18
10
35
30
mA
25%
ICC
IEE
IL
20
40
18
30
60
30
50%
ICC
IEE
IL
40
60
18
60
80
30
100%
ICC
IEE
IL
85
105
18
120
140
25


Similar Part No. - ACT4444

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4440N AEROFLEX-ACT4440N Datasheet
165Kb / 9P
   Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4440N-2 AEROFLEX-ACT4440N-2 Datasheet
165Kb / 9P
   Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
More results

Similar Description - ACT4444

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4438 AEROFLEX-ACT4438 Datasheet
182Kb / 7P
   ACT4438-1 Transceiver for MIL-STD-1553 / 1760 in a Chipscale Package
CT3232 AEROFLEX-CT3232 Datasheet
103Kb / 8P
   Low Power Driver /Receiver For MIL-STD-1553 & Macair
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
logo
Aeroflex Circuit Techno...
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
   Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
   Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
List of Unclassifed Man...
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
   VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
logo
Aeroflex Circuit Techno...
ACT4402 AEROFLEX-ACT4402 Datasheet
89Kb / 7P
   ACT4402 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
ACT4423 AEROFLEX-ACT4423 Datasheet
94Kb / 7P
   ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
   ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com