Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJAA3134K Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJAA3134K
Description  N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJAA3134K Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJAA3134K Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJAA3134K Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJAA3134K Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJAA3134K Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJAA3134K Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
2
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.10.2
0.30.40.50.6
0.70.80.91.0
1.11.2
200
250
300
350
400
450
500
12
34
5
100
200
300
400
500
600
700
800
01
23
4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
25
50
75
100
125
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Pulsed
Pulsed
T
a
=100℃
V
SD
I
S ——
T
a
=25℃
SOURCE TO DRAIN VOLTAGE
V
SD
(V)
V
GS
=4V,5V
V
GS
=3V
V
GS
=2.5V
V
GS
=2V
Output Characteristics
V
GS
=1.5V
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
V
GS
=1.8V
T
a
=25℃
Pulsed
V
GS
=4.5V
V
GS
=2.5V
T
a
=25℃
Pulsed
DRAIN CURRENT
I
D
(A)
I
D
——
R
DS(ON)
T
a
=100℃
T
a
=25℃
GATE TO SOURCE VOLTAGE
V
GS
(V)
V
GS
——
R
DS(ON)
I
D
=0.65A
V
DS
=3V
Pulsed
GATE TO SOURCE VOLTAGE
V
GS
(V)
Transfer Characteristics
T
a
=100℃
T
a
=25℃
I
D
=250uA
Threshold Voltage
JUNCTION TEMPERATURE
T
j
(
)
www.cj-elec.com
3
B,Nov,2016


Similar Part No. - CJAA3134K

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJAA3139K JIANGSU-CJAA3139K Datasheet
2Mb / 5P
   P-Channel MOSFET
More results

Similar Description - CJAA3134K

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com