Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJAC10H02 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJAC10H02
Description  N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJAC10H02 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJAC10H02 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJAC10H02 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJAC10H02 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJAC10H02 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJAC10H02 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Off characteristics
Drain-source breakdown voltage
V(BR) DSS
VGS = 0V, ID =250µA
20
V
Zero gate voltage drain current
IDSS
VDS =
20V, VGS =0V
1
µA
Gate-body leakage current
IGSS
VDS =0V, VGS
12V
±100
nA
On characteristics (note1)
Gate-threshold voltage
VGS(th)
VDS =VGS, ID =250µA
0.5
0.7
1.2
V
VGS =
4.5V, ID =20A
1.
5
2.
0
mΩ
Static drain-source on-sate resistance
RDS(on)
VGS =
2.5V, ID =15A
2.
0
2.4
mΩ
Forward transconductance
g
FS
VDS =
5V, ID =20A
93
S
Dynamic characteristics (note 2)
Input capacitance
Ciss
5000
Output capacitance
Coss
1
200
Reverse transfer capacitance
Crss
VDS =1
0V,VGS =0V,
f =1MHz
900
pF
Switching characteristics (note 2)
Total gate charge
Qg
70
Gate-source charge
Qgs
16
Gate-drain charge
Qgd
VDS=1
0V, VGS=10V,
ID=20A
20
nC
Turn-on delay time
td(on)
12
Turn-on rise time
tr
13
Turn-off delay time
td(off)
45
Turn-off fall time
tf
VDD=1
0V, ID=2A,RL=15Ω
VGS=10V,RG=2.5Ω
3
2
ns
Drain-Source Diode Characteristics
Drain-source diode forward voltage(note1)
VSD
VGS =0V, IS=
20A
1.2
V
Continuous drain-source diode forward
current
IS
100
A
Pulsed drain-source diode forward current
ISM
400
A
Notes:
1.
Pulse Test : Pulse Width≤300µs, duty cycle ≤2%.
2.
Guaranteed by design, not subject to production.
www.cj-elec.com
2
A-1,Jul,2016
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified


Similar Part No. - CJAC10H02

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJAC10H03 JIANGSU-CJAC10H03 Datasheet
1Mb / 5P
   N-Channel Power MOSFET
More results

Similar Description - CJAC10H02

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com