Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX23C2000MC-90 Datasheet(PDF) 7 Page - Macronix International

Part # MX23C2000MC-90
Description  2M-BIT MASK ROM (8 BIT OUTPUT)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23C2000MC-90 Datasheet(HTML) 7 Page - Macronix International

  MX23C2000MC-90 Datasheet HTML 1Page - Macronix International MX23C2000MC-90 Datasheet HTML 2Page - Macronix International MX23C2000MC-90 Datasheet HTML 3Page - Macronix International MX23C2000MC-90 Datasheet HTML 4Page - Macronix International MX23C2000MC-90 Datasheet HTML 5Page - Macronix International MX23C2000MC-90 Datasheet HTML 6Page - Macronix International MX23C2000MC-90 Datasheet HTML 7Page - Macronix International MX23C2000MC-90 Datasheet HTML 8Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
P/N:PM0228
REV. 3.9, JAN. 29, 1999
MX23C2000
REVISION HISTORY
REVISION
DESCRIPTION
PAGE
DATE
3.7
To add 70ns speed grade.
P3
NOV/16/1998
3.8
Loading=30pF for 70ns.
P3
NOV/23/1998
3.9
AC Characteristics: tOH 10ns --> 0ns
P3
JAN/29/1999
INDEX


Similar Part No. - MX23C2000MC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
   2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
MX23C2100PC-12 MCNIX-MX23C2100PC-12 Datasheet
52Kb / 7P
   2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
MX23C2100PC-15 MCNIX-MX23C2100PC-15 Datasheet
52Kb / 7P
   2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
More results

Similar Description - MX23C2000MC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23C4000 MCNIX-MX23C4000 Datasheet
633Kb / 9P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23L4000 MCNIX-MX23L4000 Datasheet
329Kb / 7P
   4M-BIT MASK ROM (8 BIT OUTPUT)
MX23L8000 MCNIX-MX23L8000 Datasheet
329Kb / 7P
   8M-BIT MASK ROM (8 BIT OUTPUT)
23C1010 MCNIX-23C1010 Datasheet
116Kb / 7P
   1M-BIT MASK ROM (8 BIT OUTPUT)
MX23C8100 MCNIX-MX23C8100 Datasheet
731Kb / 9P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
MX23L8111 MCNIX-MX23L8111 Datasheet
772Kb / 11P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23C3210 MCNIX-MX23C3210_99 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L3211 MCNIX-MX23L3211 Datasheet
488Kb / 10P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
MX23L8100 MCNIX-MX23L8100 Datasheet
733Kb / 9P
   8M-BIT MASK ROM(8/16 BIT OUTPUT)
MX23C8100 MCNIX-MX23C8100_97 Datasheet
42Kb / 6P
   8M-BIT MASK ROM (8/16 BIT OUTPUT)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com