Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2679 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2679
Description  SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2679 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2679 Datasheet HTML 1Page - National Semiconductor (TI) LM2679 Datasheet HTML 2Page - National Semiconductor (TI) LM2679 Datasheet HTML 3Page - National Semiconductor (TI) LM2679 Datasheet HTML 4Page - National Semiconductor (TI) LM2679 Datasheet HTML 5Page - National Semiconductor (TI) LM2679 Datasheet HTML 6Page - National Semiconductor (TI) LM2679 Datasheet HTML 7Page - National Semiconductor (TI) LM2679 Datasheet HTML 8Page - National Semiconductor (TI) LM2679 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
All Output Voltage Versions
Electrical Characteristics
Limits appearing in bold type face apply over the entire junction temperature range of operation, −40˚C to 125˚C.
Specifications appearing in normal type apply for T
A =TJ = 25˚C. Unless otherwise specified VIN=12V for the 3.3V, 5V and
Adjustable versions and V
IN=24V for the 12V version.
Symbol
Parameter
Conditions
Typ
Min
Max
Units
DEVICE PARAMETERS
I
Q
Quiescent
Current
V
FEEDBACK = 8V
4.2
6
mA
For 3.3V, 5.0V, and ADJ Versions
V
FEEDBACK = 15V
For 12V Versions
V
ADJ
Current Limit
Adjust Voltage
1.21
1.181/1.169
1.229/1.246
V
I
CL
Current Limit
R
ADJ = 5.6KΩ, (Note 5)
6.3
5.5/5.3
7.6/8.1
A
I
L
Output
Leakage
Current
V
IN = 40V, Softstart Pin = 0V
V
SWITCH =0V
V
SWITCH = −1V
1.0
6
1.5
15
mA
mA
R
DS(ON)
Switch
On-Resistance
I
SWITCH = 5A
0.12
0.14/0.225
f
O
Oscillator
Frequency
Measured at Switch Pin
260
225
280
kHz
D
Duty Cycle
Maximum Duty Cycle
91
%
Minimum Duty Cycle
0
%
I
BIAS
Feedback Bias
Current
V
FEEDBACK = 1.3V
ADJ Version Only
85
nA
V
SFST
Softstart
Threshold
Voltage
0.63
0.53
0.74
V
I
SFST
Softstart Pin
Current
Softstart Pin = 0V
3.7
6.9
µA
θ
JA
Thermal
Resistance
T Package, Junction to Ambient
65
(Note 6)
θ
JA
T Package, Junction to Ambient
45
(Note 7)
θ
JC
T Package, Junction to Case
2
θ
JA
S Package, Junction to Ambient
56
˚C/W
(Note 8)
θ
JA
S Package, Junction to Ambient
35
(Note 9)
θ
JA
S Package, Junction to Ambient
26
(Note 10)
θ
JC
S Package, Junction to Case
2
++
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings indicate conditions under which of the device is
guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test condition, see the electrical Char-
acteristics tables.
Note 2: ESD was applied using the human-body model, a 100pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Note 3: Typical values are determined with TA =TJ = 25˚C and represent the most likely norm.
Note 4: All limits are guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits are 100%
tested during production with TA =TJ = 25˚C. All limits at temperature extremes are guaranteed via correlation using standard standard Quality Control (SQC) meth-
ods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Note 5: The peak switch current limit is determined by the following relationship: ICL=37,125/ RADJ.
Note 6: Junction to ambient thermal resistance (no external heat sink) for the 7 lead TO-220 package mounted vertically, with 12 inch leads in a socket, or on a PC
board with minimum copper area.
Note 7: Junction to ambient thermal resistance (no external heat sink) for the 7 lead TO-220 package mounted vertically, with 12 inch leads soldered to a PC board
containing approximately 4 square inches of (1 oz.) copper area surrounding the leads.
www.national.com
4


Similar Part No. - LM2679

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2679 TI1-LM2679 Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2679S-12/NOPB TI1-LM2679S-12/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2679S-3.3 TI1-LM2679S-3.3 Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2679S-3.3/NOPB TI1-LM2679S-3.3/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2679S-5.0 TI1-LM2679S-5.0 Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
More results

Similar Description - LM2679

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2673 NSC-LM2673 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
LM22673 NSC-LM22673 Datasheet
511Kb / 18P
   3A SIMPLE SWITCHER, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22679 NSC-LM22679 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2673SX-ADJ TI-LM2673SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2673 SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current
LM2679 TI-LM2679_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5A Step-Down Voltage Regulator with Adjustable Current
logo
National Semiconductor ...
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2677 NSC-LM2677 Datasheet
847Kb / 26P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM22678TJE-50 TI1-LM22678TJE-50 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com