Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2679 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2679
Description  SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2679 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2679 Datasheet HTML 2Page - National Semiconductor (TI) LM2679 Datasheet HTML 3Page - National Semiconductor (TI) LM2679 Datasheet HTML 4Page - National Semiconductor (TI) LM2679 Datasheet HTML 5Page - National Semiconductor (TI) LM2679 Datasheet HTML 6Page - National Semiconductor (TI) LM2679 Datasheet HTML 7Page - National Semiconductor (TI) LM2679 Datasheet HTML 8Page - National Semiconductor (TI) LM2679 Datasheet HTML 9Page - National Semiconductor (TI) LM2679 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Typical Performance Characteristics
Normalized
Output Voltage
DS100847-4
Line Regulation
DS100847-5
Efficiency vs Input Voltage
DS100847-6
Efficiency vs I
LOAD
DS100847-7
Switch Current Limit
DS100847-8
Operating Quiescent Current
DS100847-9
Switching Frequency
DS100847-12
Feedback Pin Bias Current
DS100847-13
www.national.com
6


Similar Part No. - LM2679

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2679 TI1-LM2679 Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2679S-12/NOPB TI1-LM2679S-12/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2679S-3.3 TI1-LM2679S-3.3 Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2679S-3.3/NOPB TI1-LM2679S-3.3/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2679S-5.0 TI1-LM2679S-5.0 Datasheet
2Mb / 37P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5-A Step-Down Voltage Regulator With Adjustable Current Limit
More results

Similar Description - LM2679

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2673 NSC-LM2673 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
LM22673 NSC-LM22673 Datasheet
511Kb / 18P
   3A SIMPLE SWITCHER, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22679 NSC-LM22679 Datasheet
386Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2673SX-ADJ TI-LM2673SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2673 SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current
LM2679 TI-LM2679_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM2679 SIMPLE SWITCHER짰 5A Step-Down Voltage Regulator with Adjustable Current
logo
National Semiconductor ...
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2677 NSC-LM2677 Datasheet
847Kb / 26P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM22678TJE-50 TI1-LM22678TJE-50 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com