Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5241WI-25 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT5241WI-25
Description  Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5241WI-25 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT5241WI-25 Datasheet HTML 1Page - Catalyst Semiconductor CAT5241WI-25 Datasheet HTML 2Page - Catalyst Semiconductor CAT5241WI-25 Datasheet HTML 3Page - Catalyst Semiconductor CAT5241WI-25 Datasheet HTML 4Page - Catalyst Semiconductor CAT5241WI-25 Datasheet HTML 5Page - Catalyst Semiconductor CAT5241WI-25 Datasheet HTML 6Page - Catalyst Semiconductor CAT5241WI-25 Datasheet HTML 7Page - Catalyst Semiconductor CAT5241WI-25 Datasheet HTML 8Page - Catalyst Semiconductor CAT5241WI-25 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
CAT5241
Document No. 2011, Rev. J
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias .................. -55
°C to +125°C
Storage Temperature ........................ -65
°C to +150°C
Voltage on any Pin with
Respect to VSS(1)(2) ................ -2.0V to +VCC +2.0V
VCC with Respect to Ground ................ -2.0V to +7.0V
Package Power Dissipation
Capability (TA = 25
°C) ................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Wiper Current .................................................. +12mA
Notes:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns.
Maximum DC voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns.
(2) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.
*COMMENT
Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any
other conditions outside of those listed in the operational sections
of this specification is not implied. Exposure to any absolute
maximum rating for extended periods may affect device perfor-
mance and reliability.
Notes:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) Absolute linearity is utilitzed to determine actual wiper voltage versus expected voltage as determined by wiper position when used
as a potentiometer.
(3) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a
potentiometer. It is a measure of the error in step size.
(4) LSB = RTOT / 63 or (RH - RL) / 63, single pot
(5) n = 0, 1, 2, ..., 63
Recommended Operating Conditions:
VCC = +2.5V to +6.0V
Temperature
Min
Max
Industrial
-40
°C85°C
POTENTIOMETER CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
RPOT
Potentiometer Resistance (-00
)
100
k
RPOT
Potentiometer Resistance (-50
)
50
k
RPOT
Potentiometer Resistance (-10
)
10
k
RPOT
Potentiometer Resistance (-25
)
2.5
k
Potentiometer Resistance
+20
%
Tolerance
RPOT Matching
1
%
Power Rating
25
°C, each pot
50
mW
IW
Wiper Current
+6
mA
RW
Wiper Resistance
IW = +3mA @ VCC =3V
300
RW
Wiper Resistance
IW = +3mA @ VCC = 5V
80
150
VTERM
Voltage on any RH or RL Pin
VSS = 0V
GND
VCC
V
VN
Noise
(1)
TBD
nV/ Hz
Resolution
1.6
%
Absolute Linearity (2)
Rw(n)(actual)-R(n)(expected)(5)
+1
LSB (4)
Relative Linearity (3)
Rw(n+1)-[Rw(n)+LSB](5)
+0.2
LSB (4)
TCRPOT
Temperature Coefficient of RPOT
(1)
+300
ppm/
°C
TCRATIO
Ratiometric Temp. Coefficient
(1)
20
ppm/
°C
CH/CL/CW
Potentiometer Capacitances
(1)
10/10/25
pF
fc
Frequency Response
RPOT = 50k
(1)
0.4
MHz


Similar Part No. - CAT5241WI-25

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5241WI-25 CATALYST-CAT5241WI-25 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT5241WI-25 ONSEMI-CAT5241WI-25 Datasheet
218Kb / 16P
   Quad Digitally Programmable Potentiometer with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. Q
CAT5241WI-25-T1 ONSEMI-CAT5241WI-25-T1 Datasheet
250Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
CAT5241WI-25-T1 ONSEMI-CAT5241WI-25-T1 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
More results

Similar Description - CAT5241WI-25

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5419 ONSEMI-CAT5419 Datasheet
267Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. J
CAT5409 ONSEMI-CAT5409 Datasheet
252Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
logo
Catalyst Semiconductor
CAT5409 CATALYST-CAT5409_08 Datasheet
308Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
CAT5419 CATALYST-CAT5419_07 Datasheet
261Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259 Datasheet
137Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5409 CATALYST-CAT5409 Datasheet
95Kb / 17P
   Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com