Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMNI-BT-KIT-A1-1010 Datasheet(PDF) 1 Page - AAEON Technology

Part # OMNI-BT-KIT-A1-1010
Description  Aluminum Design
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

OMNI-BT-KIT-A1-1010 Datasheet(HTML) 1 Page - AAEON Technology

  OMNI-BT-KIT-A1-1010 Datasheet HTML 1Page - AAEON Technology OMNI-BT-KIT-A1-1010 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03-9
Note: All specifications are subject to change without notice.
03
Features
Specifications
10.4” WXGA (800 x 600) TFT LCD Display
Intel® N2807/J1900 Processor
P-CAP or Resistive Touch Support
Aluminum Design
IP65 Compliant Front Bezel
Fanless Operation
10.4” Modular HMI Panel PC with Intel® Celeron® J1900/ N2807 Processor
System
Processor
Intel® N2807 processor, 1.58 GHz
Intel® J1900 processor, 2 GHz
System Memory
204-pin DDR3L 1333MHz SODIMM x 1, up to 8 GB, (J1900)
204-pin DDR3L 1333MHz SODIMM x 1, up to 4 GB, (N2807)
LCD/CRT Controller
Integrated in processor
Ethernet
Intel® I211, 10/100/1000Base-TX x 2
I/O Port
USB 2.0 type A x 3
USB 3.0 type A x 1
SMA Antenna hole x 1
HDMI x 1
CFast x 1
DB-9 Type RS-232/422/485 x 1
RJ-45 x 2 for 10/100/1000 base-TX
DB-15 x 1 for VGA
3-pin terminal block x1 for 9~30 Vdc power input
LED Power on/off switch x 1 (Power on = Orange, Power off =N/A)
Storage Disk Drive
CFast™ x 1, 2.5" SATA HDD bay x 1
Expansion Slot
Mini card x 2 (Testing Compalibility Only)
SIM card x 2
PCIE X 1 connector (AAEON PIN Define)
OS support
Window® 7, Window® 8, Window® 10, Linux Kernal 2.6.x or above
Mechanical
Construction
Aluminum design (IP65 Front Frame)
Mounting
Wall /VESA Mount/Desktop (Optional panel mount kits)
Dimension (mm)
280 x 239 x 59 mm
Gross Weight
3.6 kg
Environmental
Operating Temperature
-10°C ~ 55°C (J1900), -10°C ~ 60°C (N2807)
with 0.5 m/s airflow ( CF & HDD )
Storage Temperature
-4°F ~ 158°F (-20°C ~ 70°C)
Storage Humidity
90% @40°C; non-condensing
Anti-Vibration
1 Grms / 5~ 500Hz / operation – with HDD
Certification
CE/FCC class A
Power Supply
DC input
DC 9(min) ~ 30 (max) V w/ 3-pin terminal block, ATX Power function
LCD
Display Type
10.4" TFT-LCD, LED
Max. Resolution
800 (H) x 600 (V)
Max. Colors
16.2M colors
Luminance
230 cd/m2
Viewing Angle
120° (H), 100° (V)
Back Light
LED
Back Light MTBF (hours)
Touchscreen
Type
P-CAP/ 5-wire resistive
Light Transmission
P-CAP (90% ± 3%), 5-wire Resistive (80% ± 3%)
OMNI-3105-BT
OMNI Slot
9-30 V Power Connector
RS-232/422/485
Power Button
Remote Power Connector
USB 3.0 x 1
CFast™ Slot x 1
SMA Antenna Hole x 1
HDMI
USB 2.0 x 3
VGA
LAN x 2


Similar Part No. - OMNI-BT-KIT-A1-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
OMNI-BT-KIT-A1-1010 AAEON-OMNI-BT-KIT-A1-1010 Datasheet
200Kb / 2P
   IP65 Compliant Front Bezel
OMNI-BT-KIT-A1-1010 AAEON-OMNI-BT-KIT-A1-1010 Datasheet
185Kb / 2P
   Aluminum Design
OMNI-BT-KIT-A1-1010 AAEON-OMNI-BT-KIT-A1-1010 Datasheet
197Kb / 2P
   P-CAP or Resistive Touch Support
More results

Similar Description - OMNI-BT-KIT-A1-1010

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
OMNI-3175HTT-BT-A1-1010 AAEON-OMNI-3175HTT-BT-A1-1010 Datasheet
185Kb / 2P
   Aluminum Design
logo
BOSER Technology Co., L...
BPC-5017-J BOSER-BPC-5017-J Datasheet
281Kb / 1P
   Aluminum front panel design
logo
Axiomtek Co., Ltd.
P1197E-861 AXIOMTEK-P1197E-861 Datasheet
438Kb / 2P
   Robust aluminum with IP65 compliant front bezel design
P1177S-871 AXIOMTEK-P1177S-871 Datasheet
358Kb / 2P
   Robust aluminum with IP65 compliant front bezel design
P1157S-871 AXIOMTEK-P1157S-871 Datasheet
356Kb / 2P
   Robust aluminum with IP 65 compliant front bezel design
logo
List of Unclassifed Man...
Q58 ETC2-Q58 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q48 ETC2-Q48 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q22 ETC2-Q22 Datasheet
201Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q38 ETC2-Q38 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com