Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN246 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # AN246
Description  Transmission lines and terminations with Philips Advanced Logic families
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AN246 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button AN246 Datasheet HTML 5Page - NXP Semiconductors AN246 Datasheet HTML 6Page - NXP Semiconductors AN246 Datasheet HTML 7Page - NXP Semiconductors AN246 Datasheet HTML 8Page - NXP Semiconductors AN246 Datasheet HTML 9Page - NXP Semiconductors AN246 Datasheet HTML 10Page - NXP Semiconductors AN246 Datasheet HTML 11Page - NXP Semiconductors AN246 Datasheet HTML 12Page - NXP Semiconductors AN246 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Philips Semiconductors
Application Note
AN246
Transmission lines and terminations
with Philips Logic families
1998 Feb 05
11
Figure 16 shows another method of series termination.
RS
RS
RS
ZO
ZO
ZO
RS
SH00120
Figure 16. Series stub termination
Note that the drivers at the end will be driving RS + ZO. Drivers in
the middle should be strong enough to drive RS + ZO/2. Again,
keep stub lengths short.
End Terminations
End terminated line are recommended for distributed loads, and
several methods can be used such as parallel, AC, and diode clamp
methods. Figure 17 shows two parallel termination schemes.
ZO
SH00121
ZO
VCC
RT = ZO
RT = ZO
Figure 17. Parallel terminations
With this method, the termination resistance is matched to the
effective line impedance. The advantage is that this method allows
for incident wave switching. The disadvantages are that you need
an extremely strong driver and it consumes high static power.
To reduce the drive requirements and power dissipation for this
configuration, a more practical parallel Thevenin termination is
shown in Figure 18 can be used.
ZO
ZO
VCC
Receiver A
Receiver B
Receiver C
R1
R2
Driver
R1 || R2 = ZO
SH00122
Figure 18. Daisy chain topology with split resistor Thevenin
termination
This method is suitable for ABT, LVT, and ALVT families but not
recommended for low voltage CMOS logic if power dissipation is a
concern. The termination is placed at the end of the line as close to
the receiver as possible.
If this termination technique is used on LVC and ALVC drivers, take
precaution not to connect the pull-up resistor to a 5 volt supply in a
mixed 3 volt/5 volt system. This can cause 5 volt supply current to
flow to the 3 volt supply through the upper PMOS transistor’s
parasitic diode of the driver output during the active high state.
If used on a 3-State bus, avoid biasing the receiver input at its
threshold switching voltage which is about 1.5 V for BiCMOS and
CMOS TTL level inputs. Inputs left floating around the threshold
region can consume excessive current or cause oscillations. You
can use the following formula to determine values for R1 and R2 if
they are not equal:
Eq. 13
R
1 + ZO
V
CC
V
T
and R
2 + ZO
V
CC
V
CC * VT
where VT = termination voltage.
A good termination voltage to choose is 2.5 V for TTL thresholds.
Assuming a 50% duty cycle, the average power dissipation of the
resistors will be:
Eq. 14
P
+ 0.5
V
OH
2 ) V
OL
2
2R
2
)
(V
CC –VOH)
2
) (V
CC –VOL)
2
2R
1
Another method to reduce quiescent power dissipation is AC
termination shown in Figure 19. This method is recommended for
distributed loads or when static power consumption is a concern.
ZO
R1
Driver
R1 = ZO
C1
SH00125
Figure 19. AC termination


Similar Part No. - AN246

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2466 STMICROELECTRONICS-AN2466 Datasheet
148Kb / 13P
   STMPE801 - Hardware Interface guide
logo
Freescale Semiconductor...
AN2467 FREESCALE-AN2467 Datasheet
8Mb / 2P
   Dual 6.0 m high-side switch
AN2467 FREESCALE-AN2467 Datasheet
8Mb / 2P
   Dual 10 m high-side switch
AN2467 FREESCALE-AN2467 Datasheet
8Mb / 2P
   Dual 16 mOhm High-Side Switch
AN2467 FREESCALE-AN2467 Datasheet
626Kb / 4P
   Dual 24 V, 6.0 mOhm High Side Switch
More results

Similar Description - AN246

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XC3000FM XILINX-XC3000FM Datasheet
473Kb / 50P
   XC3000 Logic Cell Array Families
logo
Integrated Device Techn...
9DBV0641 IDT-9DBV0641 Datasheet
164Kb / 17P
   Direct connection to 100ohm transmission lines
logo
Microchip Technology
PIC32 MICROCHIP-PIC32 Datasheet
1Mb / 6P
   PIC32 Microcontroller Families With USB, CAN and Ethernet
Winter 2009
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG44 MICROSEMI-A40MX04-PLG44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Actel Corporation
A42MX16-1PQ100ES ACTEL-A42MX16-1PQ100ES Datasheet
908Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com