Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PALCE20V8-25PI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # PALCE20V8-25PI
Description  Flash Erasable, Reprogrammable CMOS PAL Device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PALCE20V8-25PI Datasheet(HTML) 4 Page - Cypress Semiconductor

  PALCE20V8-25PI Datasheet HTML 1Page - Cypress Semiconductor PALCE20V8-25PI Datasheet HTML 2Page - Cypress Semiconductor PALCE20V8-25PI Datasheet HTML 3Page - Cypress Semiconductor PALCE20V8-25PI Datasheet HTML 4Page - Cypress Semiconductor PALCE20V8-25PI Datasheet HTML 5Page - Cypress Semiconductor PALCE20V8-25PI Datasheet HTML 6Page - Cypress Semiconductor PALCE20V8-25PI Datasheet HTML 7Page - Cypress Semiconductor PALCE20V8-25PI Datasheet HTML 8Page - Cypress Semiconductor PALCE20V8-25PI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PALCE20V8
Document #: 38-03026 Rev. **
Page 4 of 14
Electrical Characteristics Over the Operating Range[2]
Parameter
Description
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min.,
VIN = VIH or VIL
IOH = −3.2 mA
Com’l
2.4
V
IOH = −2 mA
Mil/Ind
VOL
Output LOW Voltage
VCC = Min.,
VIN = VIH or VIL
IOL = 24 mA
Com’l
0.5
V
IOL = 12 mA
Mil/Ind
VIH
Input HIGH Level
Guaranteed Input Logical HIGH Voltage for All Inputs[3]
2.0
V
VIL
[4]
Input LOW Level
Guaranteed Input Logical LOW Voltage for All Inputs[3]
−0.5
0.8
V
IIH
Input or I/O HIGH Leakage
Current
3.5V < VIN < VCC
10
µA
IIL
[5]
Input or I/O LOW Leakage
Current
0V < VIN < VIN (Max.)
−100
µA
ISC
Output Short Circuit Current VCC = Max., VOUT = 0.5V
[6,7]
−30
−150
mA
ICC
Operating Power Supply
Current
VCC = Max.,
VIL = 0V, VIH = 3V,
Output Open,
f = 15 MHz
(counter)
5, 7, 10 ns
Com’l
115
mA
15, 25 ns
90
mA
15L, 25L ns
55
mA
10, 15, 25 ns
Mil/Ind
130
mA
15L, 25L ns
Mil/Ind
65
mA
Capacitance[7]
Parameter
Description
Test Conditions
Typ.
Unit
CIN
Input Capacitance
VIN = 2.0V @ f = 1 MHz
5
pF
COUT
Output Capacitance
VOUT = 2.0V @ f = 1 MHz
5
pF
Endurance Characteristics[7]
Parameter
Description
Test Conditions
Min.
Max.
Unit
N
Minimum Reprogramming Cycles
Normal Programming Conditions
100
Cycles
Notes:
2.
See the last page of this specification for Group A subgroup testing information.
3.
These are absolute values with respect to device ground. All overshoots due to system or tester noise are included.
4.
VIL (Min.) is equal to 3.0V for pulse durations less than 20 ns.
5.
The leakage current is due to the internal pull-up resistor on all pins.
6.
Not more than one output should be tested at a time. Duration of the short circuit should not be more than one second. VOUT = 0.5V has been chosen to avoid test problems
caused by tester ground degradation.
7.
Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - PALCE20V8-25PI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE20V8-25 CYPRESS-PALCE20V8-25 Datasheet
316Kb / 14P
   Flash-Erasable Reprogrammable CMOS PAL짰 Device
More results

Similar Description - PALCE20V8-25PI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
5962-8867004LA CYPRESS-5962-8867004LA Datasheet
337Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALCE16V8 CYPRESS-PALCE16V8 Datasheet
300Kb / 13P
   Flash-Erasable Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D Datasheet
684Kb / 11P
   FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
PALCE20V8 CYPRESS-PALCE20V8_04 Datasheet
316Kb / 14P
   Flash-Erasable Reprogrammable CMOS PAL짰 Device
PALC22V10D CYPRESS-PALC22V10D_07 Datasheet
328Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10 CYPRESS-PALCE22V10_96 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com