Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-1192 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # AN-1192
Description  broad portfolio of monolithic power integrated circuits covering power levels
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

AN-1192 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  AN-1192 Datasheet HTML 1Page - National Semiconductor (TI) AN-1192 Datasheet HTML 2Page - National Semiconductor (TI) AN-1192 Datasheet HTML 3Page - National Semiconductor (TI) AN-1192 Datasheet HTML 4Page - National Semiconductor (TI) AN-1192 Datasheet HTML 5Page - National Semiconductor (TI) AN-1192 Datasheet HTML 6Page - National Semiconductor (TI) AN-1192 Datasheet HTML 7Page - National Semiconductor (TI) AN-1192 Datasheet HTML 8Page - National Semiconductor (TI) AN-1192 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
4.0 Thermal Background (Continued)
forward. Therefore, the designer must understand the IC’s
power dissipation capabilities before using the IC in a
booster configuration.
4.1 TYPICAL CHARACTERISTIC DATA
The power dissipation capabilities of a power IC are either
specified in the datasheet or can be derived from its guar-
anteed output power specification. While the power dissipa-
tion rating for the LM3886T is 125W, this number can be
misleading. Its power dissipation specification is derived
from the IC’s junction-to-case thermal resistance,
θ
JC
=
1˚C/W, the maximum junction temperature, T
J = 150˚C, and
the ambient air, T
A = 25˚C. As stated in the datasheet, the
device must be derated based on these parameters while
operating at elevated temperatures. The heat sinking re-
quirements for the application are based on these param-
eters so that the IC will not go into Thermal Shutdown (TSD).
The real problem for Overture ICs, however, comes from the
sensitivity of the output stage’s unique SPiKeProtection
which dynamically monitors the output transistor’s tempera-
ture. While the thermal shutdown circuitry is enabled at T
J =
150˚C, SPiKe circuitry is enabled at T
J = 250˚C for instanta-
neous power spikes in the output stage transistor. As the
overall temperature of the IC increases, SPiKe circuitry be-
comes even more sensitive causing it to turn on before the
125W limit is reached. TSD circuitry will continue to function
globally for the IC in conjunction with the SPiKe circuitry.
However, protection circuitry should not be activated under
normal operating conditions. The question then becomes,
what is the power dissipation limit for the IC such that SPiKe
circuitry is not enabled? Knowing the power dissipation limit
and keeping the case temperature of the IC as cool as
possible will expand the output power capability without
activating SPiKe Protection.
The other way to determine IC power dissipation capabilities
is to analyze the output power specification in the datasheet.
In the case of the LM3886T, there are two output power
specification guarantees: 60W (min) into a 4
Ω load using
±28V supplies and 50W(typ) into an 8
Ω load from ±35V
supplies. Using these two conditions and the theoretical
maximum power dissipation equation shown below, results
in the following maximum power dissipations:
4.2 SINGLE-ENDED AMPLIFIER Pdmax EQUATION:
Pdmax = V
CCtot2/2
π2R
L
Non-Isolated LM3886T:
1. V
CC = ±28V, RL =4
Pdmax = V
CCtot2/2
π2R
L =(±28V)
2/2
π2(4Ω) = 39.7W
2. V
CC = ±35V, RL =8
Pdmax = V
CCtot2/2
π2R
L =(±35V)
2/2
π2(8Ω) = 31.0W
These results show that the IC can handle a maximum of
≈ 40W of continuous power dissipation without SPiKe Pro-
tection being turned on under continuous sinusoidal input
with proper heat sinking. The same theory applies to other
Overture ICs as well, like the LM3876T, which is capable of
dissipating 31W with proper heat sinking. It should be noted
that the results shown above are for the non-isolated power
package, where the back of the package is tied to the silicon
substrate, or −Vee. The isolated power package has over-
molded plastic on the back keeping the package electrically
isolated from the silicon substrate. This extra amount of
plastic increases the package thermal resistance from
1˚C/W for the non-isolated version to
≈ 2˚C/W for the iso-
lated version. The result of increased thermal resistance is
higher die temperature under the same conditions even
though the heat sink temperature will not change.
There are two major points to note:
1.
The maximum power dissipation analysis was taken into
account using regulated power supplies. The IC for the
whole analysis is being tested at the worst case power
dissipation point for a constant full-load power supply
voltage. When using an unregulated power supply, the
no-load voltage will be somewhat higher (15%–35%)
causing the overall maximum power dissipation to be
higher than expected.
2.
In the real “audio” application, the average music power
dissipation is much less than the maximum power dissi-
pation created by a sinusoidal input. Therefore, the IC
will run cooler than expected due to the lower power
dissipation.
However, when you put these two points together, they
mostly cancel out, but only for music stimulus. Product quali-
fications may go through worse case power dissipation sce-
narios which implies that sinusoids will be used with unregu-
lated power supplies. Therefore, when doing the thermal
portion of the design, the higher supply voltages will increase
the IC power dissipation and must be taken into account.
4.3 BRIDGED-OUTPUT AMPLIFIER Pdmax EQUATION
To determine the Pdmax equation for a bridged amplifier
solution, the single-ended Pdmax equation is used as a
starting point. A bridged amplifier solution requires two am-
plifiers and each amplifier will see 1/2 the total impedance.
Adding these factors of 2 and 1/2 into the single-ended
Pdmax equation results in the total Pdmax equation for a
bridged amplifier.
Pdmax
BTL = 2*[VCCtot2/2
π2(/12R
L)] = 4*(VCCtot2/2
π2R
L)
The bridged-output Pdmax equation represents the bridged
amplifier solution. If a dual amplifier IC is used, then the total
Pdmax would need to be dissipated in the single IC package.
However, if two individual ICs are used, then the total power
dissipation is divided between each IC.
Two Non-Isolated LM3886Ts:
V
CC = ±28V, RL =4
Pdmax = 4V
CCtot2/2
π2R
L =4(±28V)
2/2
π2(4Ω) = 158.8W
Pdmax = 158.8W
Pdmax/IC = 79.4W
Therefore, using a bridged configuration, V
cc would have to
be equal to ±20V to keep the IC’s power dissipation within
www.national.com
3


Similar Part No. - AN-1192

ManufacturerPart #DatasheetDescription
logo
Semikron International
AN-11001 SEMIKRON-AN-11001 Datasheet
1Mb / 13P
   Key Words: 3L, NPC, TNPC, NPC2, MNPC, Multilevel, Loss Calculation
logo
Analog Devices
AN-1109 AD-AN-1109 Datasheet
645Kb / 20P
   Recommendations for Control of Radiated Emissions with iCoupler Devices
REV. 0
logo
IXYS Corporation
AN-111 IXYS-AN-111 Datasheet
65Kb / 3P
   Isolated 0-10V to 4-20mA Converter Application
AN-112 IXYS-AN-112 Datasheet
117Kb / 3P
   Ground-Start Supervision Circuit
logo
International Rectifier
AN-1126 IRF-AN-1126 Datasheet
61Kb / 3P
   Mounting M3G Series Converters
More results

Similar Description - AN-1192

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
TAA861 TFUNK-TAA861 Datasheet
292Kb / 11P
   Monolithic Integrated Circuits
logo
List of Unclassifed Man...
88950305 ETC2-88950305 Datasheet
116Kb / 2P
   Broad range of supply voltage
logo
Rohm
BD6389FM ROHM-BD6389FM_11 Datasheet
188Kb / 5P
   Silicon monolithic integrated circuits
BD6395FP ROHM-BD6395FP_11 Datasheet
979Kb / 5P
   Silicon monolithic integrated circuits
BD5431EFS ROHM-BD5431EFS_11 Datasheet
159Kb / 5P
   Silicon monolithic integrated circuits
BA6868FM ROHM-BA6868FM_11 Datasheet
143Kb / 5P
   Silicon monolithic integrated circuits
BD63843EFV ROHM-BD63843EFV Datasheet
147Kb / 5P
   Silicon monolithic integrated circuits
BD6423EFV ROHM-BD6423EFV_11 Datasheet
603Kb / 5P
   Silicon monolithic integrated circuits
BD63960EFV ROHM-BD63960EFV Datasheet
295Kb / 5P
   Silicon monolithic integrated circuits
BH6452GUL ROHM-BH6452GUL Datasheet
335Kb / 5P
   Silicon monolithic integrated circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com