Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2671LD-12 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2671LD-12
Description  SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2671LD-12 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2671LD-12 Datasheet HTML 5Page - National Semiconductor (TI) LM2671LD-12 Datasheet HTML 6Page - National Semiconductor (TI) LM2671LD-12 Datasheet HTML 7Page - National Semiconductor (TI) LM2671LD-12 Datasheet HTML 8Page - National Semiconductor (TI) LM2671LD-12 Datasheet HTML 9Page - National Semiconductor (TI) LM2671LD-12 Datasheet HTML 10Page - National Semiconductor (TI) LM2671LD-12 Datasheet HTML 11Page - National Semiconductor (TI) LM2671LD-12 Datasheet HTML 12Page - National Semiconductor (TI) LM2671LD-12 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Test Circuit and Layout Guidelines
10004222
CIN - 22 µF, 50V Tantalum, Sprague “199D Series”
COUT - 47 µF, 25V Tantalum, Sprague “595D Series”
D1 - 3.3A, 50V Schottky Rectifier, IR 30WQ05F
L1 - 68 µH Sumida #RCR110D-680L
CB - 0.01 µF, 50V Ceramic
FIGURE 2. Standard Test Circuits and Layout Guides
Fixed Output Voltage Versions
10004223
CIN - 22 µF, 50V Tantalum, Sprague “199D Series”
COUT - 47 µF, 25V Tantalum, Sprague “595D Series”
D1 - 3.3A, 50V Schottky Rectifier, IR 30WQ05F
L1 - 68 µH Sumida #RCR110D-680L
R1 - 1.5 k
Ω,1%
CB - 0.01 µF, 50V Ceramic
For a 5V output, select R2 to be 4.75 k
Ω,1%
where VREF = 1.21V
Use a 1% resistor for best stability.
FIGURE 3. Standard Test Circuits and Layout Guides
Adjustable Output Voltage Versions
www.national.com
9


Similar Part No. - LM2671LD-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2671LD-12 NSC-LM2671LD-12 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
More results

Similar Description - LM2671LD-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2672 NSC-LM2672 Datasheet
415Kb / 25P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Instruments Co...
LM2671M-33 NI-LM2671M-33 Datasheet
641Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2671M-ADJ TI1-LM2671M-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator
LM2671M-ADJ TI-LM2671M-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM2671MX-33 TI-LM2671MX-33 Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM22678 TI-LM22678_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
logo
National Semiconductor ...
LM2672EP NSC-LM2672EP Datasheet
525Kb / 25P
   Enhanced Plastic SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com