Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2673T-12 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2673T-12
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2673T-12 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2673T-12 Datasheet HTML 3Page - National Semiconductor (TI) LM2673T-12 Datasheet HTML 4Page - National Semiconductor (TI) LM2673T-12 Datasheet HTML 5Page - National Semiconductor (TI) LM2673T-12 Datasheet HTML 6Page - National Semiconductor (TI) LM2673T-12 Datasheet HTML 7Page - National Semiconductor (TI) LM2673T-12 Datasheet HTML 8Page - National Semiconductor (TI) LM2673T-12 Datasheet HTML 9Page - National Semiconductor (TI) LM2673T-12 Datasheet HTML 10Page - National Semiconductor (TI) LM2673T-12 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Typical Performance Characteristics (Continued)
Switching Frequency
Feedback Pin Bias Current
10091312
10091313
Load Transient Response for Continuous Mode
V
IN = 20V, VOUT =5V
L = 33 µH, C
OUT = 200 µF, COUTESR=26 m
Load Transient Response for Discontinuous Mode
V
IN = 20V, VOUT = 5V,
L = 10 µH, C
OUT = 400 µF, COUTESR=13 m
10091317
A: Output Voltage, 100 mV//div, AC-Coupled.
B: Load Current: 500 mA to 3A Load Pulse
Horizontal Time Base: 100 µs/div
10091318
A: Output Voltage, 100 mV/div, AC-Coupled.
B: Load Current: 200 mA to 3A Load Pulse
Horizontal Time Base: 200 µs/div
Continuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD =3A
L = 33 µH, C
OUT = 200 µF, COUTESR=26 m
Discontinuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD = 500 mA
L = 10 µH, C
OUT = 400 µF, COUTESR=13 m
10091315
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 1 A/div
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Horizontal Time Base: 1 µs/div
10091316
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 1 A/div
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Horizontal Time Base: 1 µs//iv
www.national.com
7


Similar Part No. - LM2673T-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2673T-12 TI-LM2673T-12 Datasheet
1Mb / 35P
[Old version datasheet]   LM2673 SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current
LM2673T-12/NOPB TI1-LM2673T-12/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   LM2673 SIMPLE SWITCHER짰 3-A Step-Down Voltage Regulator With Adjustable Current Limit
More results

Similar Description - LM2673T-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2679 NSC-LM2679 Datasheet
355Kb / 24P
   SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
LM22673 NSC-LM22673 Datasheet
511Kb / 18P
   3A SIMPLE SWITCHER, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2673SX-ADJ TI-LM2673SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2673 SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com