Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL7472L1TRPbF Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IRL7472L1TRPbF
Description  DirectFET짰 N-Channel Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRL7472L1TRPbF Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IRL7472L1TRPbF Datasheet HTML 2Page - Infineon Technologies AG IRL7472L1TRPbF Datasheet HTML 3Page - Infineon Technologies AG IRL7472L1TRPbF Datasheet HTML 4Page - Infineon Technologies AG IRL7472L1TRPbF Datasheet HTML 5Page - Infineon Technologies AG IRL7472L1TRPbF Datasheet HTML 6Page - Infineon Technologies AG IRL7472L1TRPbF Datasheet HTML 7Page - Infineon Technologies AG IRL7472L1TRPbF Datasheet HTML 8Page - Infineon Technologies AG IRL7472L1TRPbF Datasheet HTML 9Page - Infineon Technologies AG IRL7472L1TRPbF Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
 
IRL7472L1TRPbF
 
6
2016-8-9
Fig 14. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 16. Maximum Avalanche Energy vs. Temperature
Fig 15. Avalanche Current vs. Pulse Width
Notes on Repetitive Avalanche Curves , Figures 15, 16:
(For further info, see AN-1005 at www.irf.com)
1.Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for every
part type.
2. Safe operation in Avalanche is allowed as long asTjmax is not
exceeded.
3. Equation below based on circuit and waveforms shown in Figures
23a, 23b.
4. PD (ave) = Average power dissipation per single avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for voltage
increase during avalanche).
6. Iav = Allowable avalanche current.
7.
T = Allowable rise in junction temperature, not to exceed Tjmax
(assumed as 25°C in Figure 14, 15).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see Figures 13)
PD (ave) = 1/2 ( 1.3·BV·Iav) = T/ ZthJC
Iav = 2T/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav  
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
1
10
100
1000
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
 j = 25°C and
Tstart = 125°C.
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming
Tj = 125°C and
Tstart =25°C (Single Pulse)
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
350
TOP
Single Pulse
BOTTOM 1.0% Duty Cycle
ID = 195A


Similar Part No. - IRL7472L1TRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL7472L1PBF IRF-IRL7472L1PBF Datasheet
497Kb / 11P
   Brushed Motor drive applications
IRL7472L1PBF IRF-IRL7472L1PBF_15 Datasheet
497Kb / 11P
   Brushed Motor drive applications
More results

Similar Description - IRL7472L1TRPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7580MTRPBF IRF-IRF7580MTRPBF Datasheet
515Kb / 11P
   DirectFET짰 N-Channel Power MOSFET
logo
Infineon Technologies A...
IRF7480MPBF INFINEON-IRF7480MPBF Datasheet
503Kb / 12P
   DirectFET짰 N-Channel Power MOSFET
2016-5-4
logo
International Rectifier
IRF6810SPBF IRF-IRF6810SPBF Datasheet
283Kb / 9P
   DirectFET짰Power MOSFET
AUIRF7759L2TR IRF-AUIRF7759L2TR Datasheet
255Kb / 12P
   Automotive DirectFET짰Power MOSFET 
AUIRF8736M2TR IRF-AUIRF8736M2TR Datasheet
494Kb / 12P
   Automotive DirectFET짰 Power MOSFET
AUIRF7799L2TR IRF-AUIRF7799L2TR Datasheet
272Kb / 12P
   Automotive DirectFET짰 Power MOSFET
IRF6893MPBF IRF-IRF6893MPBF Datasheet
220Kb / 9P
   DirectFET짰 MOSFET with Schottky Diode
IRF6892SPBF IRF-IRF6892SPBF Datasheet
243Kb / 9P
   DirectFET짰 MOSFET with Schottky Diode
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com