Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU3707ZPbF Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IRFU3707ZPbF
Description  HEXFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRFU3707ZPbF Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IRFU3707ZPbF Datasheet HTML 2Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 3Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 4Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 5Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 6Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 7Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 8Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 9Page - Infineon Technologies AG IRFU3707ZPbF Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
 
IRFR/U3707ZPbF
6
2016-5-31
 
Fig 12a. Unclamped Inductive Test Circuit
Fig 12b. Unclamped Inductive Waveforms
R G
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
tp
V(BR)DSS
IAS
Fig 13b. Gate Charge Test Circuit
Fig 13a. Gate Charge Waveform
Fig 14a. Switching Time Test Circuit
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
20
40
60
80
100
120
140
160
180
200
ID
TOP
3.7A
5.6A
BOTTOM 12A
Fig 12c. Maximum Avalanche Energy
vs. Drain Current
Fig 14b. Switching Time Waveforms
V
GS
Pulse Width < 1µs
Duty Factor < 0.1%
V
DD
V
DS
L
D
D.U.T
+
-
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr


Similar Part No. - IRFU3707ZPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3707ZPBF IRF-IRFU3707ZPBF Datasheet
261Kb / 11P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFU3707ZPBF KERSEMI-IRFU3707ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707ZPBF KERSEMI-IRFU3707ZPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results

Similar Description - IRFU3707ZPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com