Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFI1310NPBF Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IRFI1310NPBF
Description  HEXFET짰 Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRFI1310NPBF Datasheet(HTML) 1 Page - Infineon Technologies AG

  IRFI1310NPBF Datasheet HTML 1Page - Infineon Technologies AG IRFI1310NPBF Datasheet HTML 2Page - Infineon Technologies AG IRFI1310NPBF Datasheet HTML 3Page - Infineon Technologies AG IRFI1310NPBF Datasheet HTML 4Page - Infineon Technologies AG IRFI1310NPBF Datasheet HTML 5Page - Infineon Technologies AG IRFI1310NPBF Datasheet HTML 6Page - Infineon Technologies AG IRFI1310NPBF Datasheet HTML 7Page - Infineon Technologies AG IRFI1310NPBF Datasheet HTML 8Page - Infineon Technologies AG IRFI1310NPBF Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
 
IRFI1310NPbF
VDSS
100V
RDS(on)
0.036

ID
24A
Description
Fifth Generation HEXFETs from International Rectifier utilize
advanced processing techniques to achieve extremely low on-
resistance per silicon area. This benefit, combined with the fast
switching speed and ruggedized device design that HEXFET
Power MOSFETs are well known for, provides the designer with
an extremely efficient and reliable device for use in a wide variety
of applications
The TO-220 Fullpak eliminates the need for additional insulating
hardware in commercial-industrial applications.
The moulding
compound used provides a high isolation capability and a low
thermal resistance between the tab and external heatsink. This
isolation is equivalent to using a 100 micron mica barrier with
standard TO-220 product. The Fullpak is mounted to a heatsink
using a single clip or by a single screw fixing.
1
2016-5-27
 
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
24
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
17
IDM
Pulsed Drain Current 
140
PD @TC = 25°C
Maximum Power Dissipation
56
W
Linear Derating Factor
0.37
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy (Thermally Limited) 
420
mJ
IAR
Avalanche Current 
22
A
EAR
Repetitive Avalanche Energy 
5.6
mJ
dv/dt
Peak Diode Recovery dv/dt
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
 
TSTG
Storage Temperature Range
°C 
Soldering Temperature, for 10 seconds (1.6mm from case)
300
 
Mounting torque, 6-32 or M3 screw
10 lbf•in (1.1N•m)
 
G
D
S
Gate
Drain
Source
 Advanced Process Technology
 Isolated Package
 High Voltage Isolation = 2.5KVRMS 
 Sink to Lead Creepage Dist. = 4.8mm
 Fully Avalanche Rated
 Lead-Free
HEXFET® Power MOSFET
TO-220 Full-Pak
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRFI1310NPbF
TO-220 Full-Pak
Tube
50
IRFI1310NPbF
Thermal Resistance  
Symbol
Parameter
Typ.
Max.
Units
RJC
Junction-to-Case
–––
2.7
RJA
Junction-to-Ambient
–––
65
°C/W
G
D
S


Similar Part No. - IRFI1310NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI1310NPBF IRF-IRFI1310NPBF Datasheet
242Kb / 9P
   HEXFET짰 Power MOSFET
IRFI1310NPBF IRF-IRFI1310NPBF Datasheet
243Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
IRFI1310NPBF IRF-IRFI1310NPBF_15 Datasheet
243Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRFI1310NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com