Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3883MTRPBF Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IR3883MTRPBF
Description  800kHz 3A EaSy SupIRBuck짰 Synchronous Buck Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR3883MTRPBF Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IR3883MTRPBF Datasheet HTML 5Page - Infineon Technologies AG IR3883MTRPBF Datasheet HTML 6Page - Infineon Technologies AG IR3883MTRPBF Datasheet HTML 7Page - Infineon Technologies AG IR3883MTRPBF Datasheet HTML 8Page - Infineon Technologies AG IR3883MTRPBF Datasheet HTML 9Page - Infineon Technologies AG IR3883MTRPBF Datasheet HTML 10Page - Infineon Technologies AG IR3883MTRPBF Datasheet HTML 11Page - Infineon Technologies AG IR3883MTRPBF Datasheet HTML 12Page - Infineon Technologies AG IR3883MTRPBF Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
IR3883
SupIRBuck® Synchronous Buck Regulator
Specifications
Datasheet
9
Rev 3.0 08/20/2016
Note:
7. Hot and Cold temperature performance is assured via correlation using statistical quality control. Not tested in
production.
8. Ensured by design but not tested in production.
Toff(Min)
Minimum Off-Time
VFB = 0V, Tj = 25°C
240
320
ns
Internal Regulator (LDO)
VCC
LDO Output Voltage
5.5V < Vin < 14V, 0A - 5.5mA
4.9
5.2
5.4
V
4.5V < Vin < 5.5V, 0A - 5.5mA
4.4
-
-
V
VLN
Line Regulation
5.5V < Vin < 14V, 5.5mA
-
-
30
mV
VLD
Load Regulation
0A - 5.5mA
-
-
100
mV
Ishort
Short Circuit Current
-
90
-
mA
Thermal Shutdown
Thermal Shutdown
8.
-145
-
oC
Hysteresis
8.
-25
-
oC
Under Voltage Lockout
VCC_UVLO_
Start
VCC Start Threshold
VCC Rising Trip Level
4
4.2
4.4
V
VCC_UVLO_
Stop
VCC Stop Threshold
VCC Falling Trip Level
3.6
3.8
4.1
V
Enable_High Enable Threshold
Ramping up
1.14
1.2
1.36
V
Enable_Low
Ramping down
0.9
1
1.06
V
REN
Input Impedance
500
1000
1500
kΩ
VFCCM_start
FCCM Start Threshold
2.6
-
-
V
VFCCM_stop
FCCM Stop Threshold
-
-
2.3
V
Current Limit
IOC
Current Limit Threshold
0°C<Tj<125°C, OCSET=PGND
4.0
5.14
5.9
A
0°C<Tj<125°C, OCSET=float8.
3.2
4.04
4.6
0°C<Tj<125°C, OCSET= VCC
8.
2.3
2.95
3.4
Tblk_Hiccup Hiccup Blanking Time
8.
-20
-
ms
Over Voltage Protection
VOVP
Output OV Protection
Threshold
OVP detect
115
120
125
%
TOVPDEL
Output OV Protection Delay
-
5
-
μs
Power Good
VPG(upper)
Power Good Threshold
Fb Rising
85
90
95
% Vref
VPG(lower)
Power Good Threshold
Fb Falling
80
85
90
% Vref
IPG
Power Good Sink Current
PG = 0.5V, En = 2V
2.5
5
-
mA
VPG(low)
Power Good Voltage Low
when no supply
Vin = Vcc = 0V, Rpull-up = 50kΩ
to 3.3V
-0.3
0.5
V
Table 5-4
Electrical Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units


Similar Part No. - IR3883MTRPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR3887 INFINEON-IR3887 Datasheet
2Mb / 50P
   IR3887 OptiMOS™ IPOL 30 A single-voltage synchronous Buck regulator
V2.3 2022-4-4
IR3887MTRPBFAUMA1 INFINEON-IR3887MTRPBFAUMA1 Datasheet
2Mb / 50P
   IR3887 OptiMOS™ IPOL 30 A single-voltage synchronous Buck regulator
V2.3 2022-4-4
IR3888A INFINEON-IR3888A Datasheet
2Mb / 43P
   20 A/16 A single-voltage synchronous Buck regulator
V2.2 2021-7-20
IR3888AMTRPBF INFINEON-IR3888AMTRPBF Datasheet
2Mb / 43P
   20 A/16 A single-voltage synchronous Buck regulator
V2.2 2021-7-20
IR3888AMTRPBFAUMA1 INFINEON-IR3888AMTRPBFAUMA1 Datasheet
2Mb / 43P
   20 A/16 A single-voltage synchronous Buck regulator
V2.2 2021-7-20
More results

Similar Description - IR3883MTRPBF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
   60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Alpha & Omega Semicondu...
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1021AI AOSMD-AOZ1021AI Datasheet
541Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
   3MHz, 3A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6663DI AOSMD-AOZ6663DI Datasheet
691Kb / 17P
   EZBuckTM 3A Synchronous Buck Regulator
Rev. 1.0 October 2020
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
AOZ1021 AOSMD-AOZ1021 Datasheet
3Mb / 15P
   EZBuck??3A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com