Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3883 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IR3883
Description  800kHz 3A EaSy SupIRBuck짰 Synchronous Buck Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR3883 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IR3883 Datasheet HTML 1Page - Infineon Technologies AG IR3883 Datasheet HTML 2Page - Infineon Technologies AG IR3883 Datasheet HTML 3Page - Infineon Technologies AG IR3883 Datasheet HTML 4Page - Infineon Technologies AG IR3883 Datasheet HTML 5Page - Infineon Technologies AG IR3883 Datasheet HTML 6Page - Infineon Technologies AG IR3883 Datasheet HTML 7Page - Infineon Technologies AG IR3883 Datasheet HTML 8Page - Infineon Technologies AG IR3883 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
IR3883
SupIRBuck® Synchronous Buck Regulator
Block Diagram
Datasheet
4
Rev 3.0 08/20/2016
3
Block Diagram
Figure 3-1
Simplified block diagram
PWM
GATE
DRIVE
LOGIC
ADAPTIVE
ON-TIME
GENERATOR
+
-
SOFT
START
CONTROL
LOGIC
Zcross
PVin
Fault
VCC
SET
FB
Vin
BOOT
SW
PGND
Vo
PVIN
EN/
FCCM
GND
PWM
COMP
VCC
VCC
Current Limit
Control
Zero Cross
DETECTION
LDrVin
HDrv
LDrv
LDrVin
LDrVin
FCCM_EN
OV
Fault
Fault
OV
FCCM
Vcc
THERMAL
SHUT-DOWN
OV
DETECTION
FB
OV
SS
OV
Fault
INTERNAL REFERENCE
INDUCTOR CURRENT
RIPPLE EMULATOR
+
VREF
OCSet
HDrVin
POR
HDrVin
+
POR
PGND
+
Enable
LDO
PGood
POR


Similar Part No. - IR3883

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR3887 INFINEON-IR3887 Datasheet
2Mb / 50P
   IR3887 OptiMOS™ IPOL 30 A single-voltage synchronous Buck regulator
V2.3 2022-4-4
IR3887MTRPBFAUMA1 INFINEON-IR3887MTRPBFAUMA1 Datasheet
2Mb / 50P
   IR3887 OptiMOS™ IPOL 30 A single-voltage synchronous Buck regulator
V2.3 2022-4-4
IR3888A INFINEON-IR3888A Datasheet
2Mb / 43P
   20 A/16 A single-voltage synchronous Buck regulator
V2.2 2021-7-20
IR3888AMTRPBF INFINEON-IR3888AMTRPBF Datasheet
2Mb / 43P
   20 A/16 A single-voltage synchronous Buck regulator
V2.2 2021-7-20
IR3888AMTRPBFAUMA1 INFINEON-IR3888AMTRPBFAUMA1 Datasheet
2Mb / 43P
   20 A/16 A single-voltage synchronous Buck regulator
V2.2 2021-7-20
More results

Similar Description - IR3883

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
   3A SYNCHRONOUS BUCK REGULATOR
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
   60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Alpha & Omega Semicondu...
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1021AI AOSMD-AOZ1021AI Datasheet
541Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
   3MHz, 3A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6663DI AOSMD-AOZ6663DI Datasheet
691Kb / 17P
   EZBuckTM 3A Synchronous Buck Regulator
Rev. 1.0 October 2020
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
AOZ1021 AOSMD-AOZ1021 Datasheet
3Mb / 15P
   EZBuck??3A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com