Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PALCE20V8L-25QI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # PALCE20V8L-25QI
Description  Flash Erasable, Reprogrammable CMOS PAL Device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PALCE20V8L-25QI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button PALCE20V8L-25QI Datasheet HTML 3Page - Cypress Semiconductor PALCE20V8L-25QI Datasheet HTML 4Page - Cypress Semiconductor PALCE20V8L-25QI Datasheet HTML 5Page - Cypress Semiconductor PALCE20V8L-25QI Datasheet HTML 6Page - Cypress Semiconductor PALCE20V8L-25QI Datasheet HTML 7Page - Cypress Semiconductor PALCE20V8L-25QI Datasheet HTML 8Page - Cypress Semiconductor PALCE20V8L-25QI Datasheet HTML 9Page - Cypress Semiconductor PALCE20V8L-25QI Datasheet HTML 10Page - Cypress Semiconductor PALCE20V8L-25QI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PALCE20V8
Document #: 38-03026 Rev. **
Page 7 of 14
Shaded area contains preliminary information.
Military Switching Characteristics[2]
Parameter
Description
20V8
−10
20V8
−15
20V8
−25
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tPD
Input to Output
Propagation Delay[8]
110
1
15
1
25
ns
tPZX
OE to Output Enable
10
15
20
ns
tPXZ
OE to Output Disable
10
15
20
ns
tEA
Input to Output Enable Delay[7]
10
15
25
ns
tER
Input to Output Disable Delay[7,9]
10
15
25
ns
tCO
Clock to Output Delay[8]
110
1
12
1
20
ns
tS
Input or Feedback Set-Up Time
10
12
20
ns
tH
Input Hold Time
0
0
0
ns
tP
External Clock Period (tCO + tS)20
24
40
ns
tWH
Clock Width HIGH[7]
8
10
15
ns
tWL
Clock Width LOW[7]
8
10
15
ns
fMAX1
External Maximum Frequency
(1/(tCO + tS)
[7,10]
50
41.7
25
MHz
fMAX2
Data Path Maximum Frequency
(1/(tWH + tWL))
[7, 11 ]
62.5
50
33.3
MHz
fMAX3
Internal Feedback Maximum
Frequency (1/(tCF + tS))
[7,12]
62.5
50
33.3
MHz
tCF
Register Clock to
Feedback Input[7, 13]
6
8
10
ns
tPR
Power-Up Reset Time[7]
1
1
1
µs


Similar Part No. - PALCE20V8L-25QI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE20V8L-25QI CYPRESS-PALCE20V8L-25QI Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
More results

Similar Description - PALCE20V8L-25QI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
5962-8867004LA CYPRESS-5962-8867004LA Datasheet
337Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALCE16V8 CYPRESS-PALCE16V8 Datasheet
300Kb / 13P
   Flash-Erasable Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D Datasheet
684Kb / 11P
   FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
PALCE20V8 CYPRESS-PALCE20V8_04 Datasheet
316Kb / 14P
   Flash-Erasable Reprogrammable CMOS PAL짰 Device
PALC22V10D CYPRESS-PALC22V10D_07 Datasheet
328Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10 CYPRESS-PALCE22V10_96 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com