Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3824 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IR3824
Description  15A Highly Integrated Single-Input Synchchrous SupIRBuck짰 Regulator
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR3824 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IR3824 Datasheet HTML 1Page - Infineon Technologies AG IR3824 Datasheet HTML 2Page - Infineon Technologies AG IR3824 Datasheet HTML 3Page - Infineon Technologies AG IR3824 Datasheet HTML 4Page - Infineon Technologies AG IR3824 Datasheet HTML 5Page - Infineon Technologies AG IR3824 Datasheet HTML 6Page - Infineon Technologies AG IR3824 Datasheet HTML 7Page - Infineon Technologies AG IR3824 Datasheet HTML 8Page - Infineon Technologies AG IR3824 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
IR3824
Pinout Diagram and Pin Description
Datasheet
5
Rev 3.7 03/24/2016
4
Pinout Diagram and Pin Description
Figure 4-1
Pinout Diagram: PQFN 5 mm x 6 mm (Top View)
Table 4-1
Pin Description
Pin No.
Name
Pin
Type
Function
1
Fb
I
Inverting input to the error amplifier. This pin is connected directly to the output
of the regulator via resistor divider to set the output voltage and provide
feedback to the error amplifier.
2
NC
-
Do Not Connect. Must be left floating.
3
Comp
O
Output of error amplifier. An external resistor and capacitor network is typically
connected from this pin to Fb to provide loop compensation.
4
Gnd
S
Signal ground for internal reference and control circuitry.
5
Rt
I
Set switching frequency. Use an external resistor from this pin to Gnd to set
the free-running switching frequency.
6
ILIM
I
Current Limit set point. This pin allows the trip point to be set to one of three
possible settings by either floating this pin, connecting it to VCC or connecting
it to PGnd.
7
PGood
O
Power Good status output pin is open drain. Connect a pull up resistor from
this pin to the voltage lower than or equal to the Vcc.
8
Vsns
I
Sense pin for over-voltage protection and PGood.


Similar Part No. - IR3824

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3820AMPBF IRF-IR3820AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820AMPBF IRF-IR3820AMPBF Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820AMPBF IRF-IR3820AMPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3824

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR3828MTRPBF INFINEON-IR3828MTRPBF Datasheet
1Mb / 50P
   10A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
IR3829MTRPBF INFINEON-IR3829MTRPBF Datasheet
1Mb / 50P
   16A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
IR3825MTRPBF INFINEON-IR3825MTRPBF Datasheet
1Mb / 49P
   20A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
IR3448 INFINEON-IR3448_16 Datasheet
2Mb / 51P
   16A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.6 May 17, 2016
IR3847 INFINEON-IR3847_16 Datasheet
2Mb / 57P
   25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
IR3447 INFINEON-IR3447_16 Datasheet
2Mb / 52P
   25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
logo
International Rectifier
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com