Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPX80P03P4-05 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPX80P03P4-05
Description  OptiMOS짰-P2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPX80P03P4-05 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPX80P03P4-05 Datasheet HTML 1Page - Infineon Technologies AG IPX80P03P4-05 Datasheet HTML 2Page - Infineon Technologies AG IPX80P03P4-05 Datasheet HTML 3Page - Infineon Technologies AG IPX80P03P4-05 Datasheet HTML 4Page - Infineon Technologies AG IPX80P03P4-05 Datasheet HTML 5Page - Infineon Technologies AG IPX80P03P4-05 Datasheet HTML 6Page - Infineon Technologies AG IPX80P03P4-05 Datasheet HTML 7Page - Infineon Technologies AG IPX80P03P4-05 Datasheet HTML 8Page - Infineon Technologies AG IPX80P03P4-05 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPB80P03P4-05
IPI80P03P4-05, IPP80P03P4-05
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Dynamic characteristics
2)
Input capacitance
C iss
-
7900
10300 pF
Output capacitance
C oss
-
2340
3040
Reverse transfer capacitance
Crss
-
50
100
Turn-on delay time
t d(on)
-35
-
ns
Rise time
t r
-10
-
Turn-off delay time
t d(off)
-70
-
Fall time
t f
-20
-
Gate Charge Characteristics
2)
Gate to source charge
Q gs
-42
55
nC
Gate to drain charge
Q gd
-10
20
Gate charge total
Q g
-
100
130
Gate plateau voltage
V plateau
-
-5.3
-
V
Reverse Diode
Diode continous forward current
2)
I S
-
-
-80
A
Diode pulse current
2)
I S,pulse
-
-
-320
Diode forward voltage
V SD
V GS=0V, I F=-80A,
T j=25°C
-
-
-1.3
V
Reverse recovery time
2)
t rr
-
100
-
ns
Reverse recovery charge
2)
Q rr
-80
-
nC
T C=25°C
Values
V GS=0V, V DS=-25V,
f =1MHz
V DD=-15V,
V GS=-10V, I D=-80A,
R G=3.5Ω
V DD=-24V, I D=-80A,
V GS=0 to -10V
V R=-15V, I F=-80A,
di F/dt =-100A/µs
2) Defined by design. Not subject to production test.
3) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
1) Current is limited by bondwire; with an R
thJC = 1.1K/W the chip is able to carry -146A at 25°C.
Rev. 1.0
page 3
2008-09-30


Similar Part No. - IPX80P03P4-05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPX80R1K0CE INFINEON-IPX80R1K0CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-07-18
IPX80R1K4CE INFINEON-IPX80R1K4CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
More results

Similar Description - IPX80P03P4-05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD50P04P4-13 INFINEON-IPD50P04P4-13_13 Datasheet
227Kb / 9P
   OptiMOS짰-P2 Power-Transistor
Rev. 1.2 2013-12-09
IPB110N06LG INFINEON-IPB110N06LG Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
IPP80N04S2L-03 INFINEON-IPP80N04S2L-03 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPP80N04S2-H4 INFINEON-IPP80N04S2-H4 Datasheet
160Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPG20N06S2L-50A INFINEON-IPG20N06S2L-50A Datasheet
202Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2013-02-28
IPB070N06NG INFINEON-IPB070N06NG Datasheet
446Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-06-19
IPD127N06LG INFINEON-IPD127N06LG Datasheet
389Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-04-13
IPD230N06LG INFINEON-IPD230N06LG Datasheet
392Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-06-13
IPD350N06LG INFINEON-IPD350N06LG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-08
IPB065N06LG INFINEON-IPB065N06LG Datasheet
445Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com