Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1047AS-2R7N Datasheet(PDF) 2 Page - TOKO, Inc

Part # B1047AS-2R7N
Description  Ferrite Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

B1047AS-2R7N Datasheet(HTML) 2 Page - TOKO, Inc

  B1047AS-2R7N Datasheet HTML 1Page - TOKO, Inc B1047AS-2R7N Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
continued from previous page
前頁より続く
STANDARD PART NUMBERS
標準品一覧
TYPE DS75LC (High Current Type 大電流タイプ,Quantity/reel; 1000 PCS)
品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
B1047FS-1R0N=P3
1.0
 30
11 (9)
9.6 (12.8)
7.2 (8.5)
B1047FS-1R5N=P3
1.5
 30
13 (10)
8.1 (10.8)
6.5 (7.6)
B1047FS-2R2N=P3
2.2
 30
15 (12)
7.2 (9.7)
5.9 (6.9)
B1047FS-2R7N=P3
2.7
 30
16 (13)
6.0 (8.0)
5.5 (6.5)
B1047FS-3R6N=P3
3.6
 30
18 (15)
5.3 (7.0)
4.9 (5.8)
B1047FS-4R7N=P3
4.7
 30
20 (17)
5.0 (6.7)
4.4 (5.2)
B1047FS-6R8N=P3
6.8
 30
34 (29)
3.9 (5.2)
3.2 (3.8)
B1047FS-100M=P3
10
 20
52 (43)
3.3 (4.4)
2.6 (3.1)
B1047FS-150M=P3
15
 20
68 (57)
2.6 (3.4)
2.2 (2.6)
B1047FS-220M=P3
22
 20
109 (88)
2.3 (3.0)
2.0 (2.3)
B1047FS-330M=P3
33
 20
150 (125)
1.7 (2.3)
1.5 (1.7)
B1047FS-470M=P3
47
 20
184 (153)
1.4 (1.9)
1.3 (1.5)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Maximum allowable DC current is that which causes a 30%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller. (Reference ambient
temperature 20°C)
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)
または同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より30%減少する直流電流値、または直流電流により、
コイルの温度が40°C上昇の何れか小さい値。(周囲温度20°Cを基
準とする。)
L
L
Ferrite Inductors
フェライトインダクタ


Similar Part No. - B1047AS-2R7N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
B1047AS-2R7N TOKO-B1047AS-2R7N Datasheet
92Kb / 1P
   Fixed Inductors for Surface Mounting
logo
Murata Manufacturing Co...
B1047AS-2R7N MURATA-B1047AS-2R7N Datasheet
738Kb / 2P
   Inductor
More results

Similar Description - B1047AS-2R7N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DEM2815C TOKO-DEM2815C_16 Datasheet
256Kb / 1P
   Ferrite Inductors
DEM2812C TOKO-DEM2812C_16 Datasheet
252Kb / 1P
   Ferrite Inductors
DEM8030C TOKO-DEM8030C_16 Datasheet
280Kb / 1P
   Ferrite Inductors
DEM4514C TOKO-DEM4514C_16 Datasheet
285Kb / 1P
   Ferrite Inductors
DG6050C TOKO-DG6050C_16 Datasheet
253Kb / 1P
   Ferrite Inductors
DS104C2 TOKO-DS104C2_16 Datasheet
254Kb / 1P
   Ferrite Inductors
DG6045C TOKO-DG6045C_16 Datasheet
261Kb / 1P
   Ferrite Inductors
DEM3518C TOKO-DEM3518C_16 Datasheet
250Kb / 1P
   Ferrite Inductors
D62LCB TOKO-D62LCB_16 Datasheet
229Kb / 2P
   Ferrite Inductors
D53LC TOKO-D53LC_16 Datasheet
268Kb / 1P
   Ferrite Inductors
DEM8040C TOKO-DEM8040C_16 Datasheet
317Kb / 1P
   Ferrite Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com