Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A915AY-101M Datasheet(PDF) 1 Page - TOKO, Inc

Part # A915AY-101M
Description  Ferrite Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

A915AY-101M Datasheet(HTML) 1 Page - TOKO, Inc

  A915AY-101M Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D53LC
Inductance Range: 1.1~220
H
(Unit: mm)
FEATURES
特長
 Low profile (5.2mm Max. square, 3.0mm Max. height).
 Magnetically shielded construction and low DC resistance.
 Suitable for large currents.
 Ideal for a variety of DC-DC converter inductor applications.
 小型薄形構造(5.2mm角Max.、高さ3.0mm Max.)
 閉磁路構造、低直流抵抗
 大電流対応
 各種機器のDC-DCコンバータ用インダクタに最適
STANDARD PART NUMBERS
標準品一覧
TYPE D53LC (High current Type 大電流タイプ, Quantity/reel; 2,000 PCS)
品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
=10%
=30%
#A915AY-1R1M=P3
1.1
 20
20 (16)
3.38 (4.50)
3.87 (5.17)
3.46 (4.07)
#A915AY-2R0M=P3
2.0
 20
27 (22)
2.53 (3.38)
2.92 (3.90)
2.80 (3.30)
#A915AY-3R3M=P3
3.3
 20
34 (29)
2.01 (2.68)
2.36 (3.15)
2.40 (2.83)
#A915AY-4R7M=P3
4.7
 20
45 (38)
1.52 (2.03)
1.87 (2.49)
2.13 (2.51)
#A915AY-6R8M=P3
6.8
 20
68 (57)
1.24 (1.66)
1.51 (2.01)
1.75 (2.06)
#A915AY-100M=P3
10
 20
90 (75)
1.09 (1.46)
1.33 (1.77)
1.49 (1.76)
#A915AY-150M=P3
15
 20
142 (118)
0.88 (1.17)
1.05 (1.40)
1.16 (1.37)
#A915AY-220M=P3
22
 20
208 (173)
0.71 (0.95)
0.86 (1.15)
0.86 (1.01)
#A915AY-330M=P3
33
 20
257 (214)
0.61 (0.81)
0.72 (0.96)
0.80 (0.94)
#A915AY-470M=P3
47
 20
352 (293)
0.53 (0.71)
0.62 (0.83)
0.68 (0.80)
#A915AY-680M=P3
68
 20
525 (437)
0.43 (0.57)
0.51 (0.68)
0.55 (0.65)
#A915AY-101M=P3
100
 20
801 (667)
0.37 (0.49)
0.43 (0.58)
0.46 (0.55)
TYPE D53LC (Low DC resistance Type 低直流抵抗タイプ, Quantity/reel; 2,000 PCS)
品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
=10%
=30%
#A915BY-4R7M=P3
4.7
 20
35 (29)
0.91 (1.21)
1.13 (1.51)
2.31 (2.72)
#A915BY-6R8M=P3
6.8
 20
50 (42)
0.81 (1.08)
0.99 (1.32)
1.93 (2.27)
#A915BY-100M=P3
10
 20
67 (56)
0.59 (0.79)
0.74 (0.99)
1.60 (1.88)
#A915BY-150M=P3
15
 20
97 (81)
0.45 (0.60)
0.58 (0.77)
1.36 (1.60)
#A915BY-220M=P3
22
 20
135 (112)
0.40 (0.54)
0.51 (0.68)
1.19 (1.40)
#A915BY-330M=P3
33
 20
206 (172)
0.33 (0.45)
0.41 (0.55)
0.92 (1.09)
#A915BY-470M=P3
47
 20
268 (224)
0.27 (0.36)
0.34 (0.46)
0.80 (0.94)
#A915BY-680M=P3
68
 20
371 (309)
0.23 (0.30)
0.29 (0.39)
0.68 (0.80)
#A915BY-101M=P3
100
 20
569 (474)
0.21 (0.28)
0.26 (0.35)
0.54 (0.64)
#A915BY-151M=P3
150
 20
940 (785)
0.18 (0.23)
0.21 (0.28)
0.40 (0.47)
#A915BY-221M=P3
220
 20
1200 (995)
0.15 (0.20)
0.18 (0.24)
0.35 (0.41)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Maximum allowable DC current is that which causes a 30%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller. (Reference ambient
temperature 20°C)
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)
または同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より30%減少する直流電流値、または直流電流により、
コイルの温度が40°C上昇の何れか小さい値。(周囲温度20°Cを
基準とする。)
L
L
L
L
L
L
L
L
Recommended patterns
推奨パターン図
Ferrite Inductors
フェライトインダクタ


Similar Part No. - A915AY-101M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
A915AY-101M TOKO-A915AY-101M Datasheet
100Kb / 1P
   Fixed Inductors for Surface Mounting
logo
Murata Manufacturing Co...
A915AY-101M MURATA-A915AY-101M Datasheet
725Kb / 2P
   Inductance test frequency
More results

Similar Description - A915AY-101M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DEM2815C TOKO-DEM2815C_16 Datasheet
256Kb / 1P
   Ferrite Inductors
DEM2812C TOKO-DEM2812C_16 Datasheet
252Kb / 1P
   Ferrite Inductors
DEM8030C TOKO-DEM8030C_16 Datasheet
280Kb / 1P
   Ferrite Inductors
DEM4514C TOKO-DEM4514C_16 Datasheet
285Kb / 1P
   Ferrite Inductors
DG6050C TOKO-DG6050C_16 Datasheet
253Kb / 1P
   Ferrite Inductors
DS104C2 TOKO-DS104C2_16 Datasheet
254Kb / 1P
   Ferrite Inductors
DG6045C TOKO-DG6045C_16 Datasheet
261Kb / 1P
   Ferrite Inductors
DEM3518C TOKO-DEM3518C_16 Datasheet
250Kb / 1P
   Ferrite Inductors
D62LCB TOKO-D62LCB_16 Datasheet
229Kb / 2P
   Ferrite Inductors
DEM8040C TOKO-DEM8040C_16 Datasheet
317Kb / 1P
   Ferrite Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com