Electronic Components Datasheet Search |
|
B1047AS-560M Datasheet(PDF) 2 Page - TOKO, Inc |
|
B1047AS-560M Datasheet(HTML) 2 Page - TOKO, Inc |
2 / 2 page continued from previous page 前頁より続く STANDARD PART NUMBERS 標準品一覧 TYPE DS75LC (High Current Type 大電流タイプ,Quantity/reel; 1000 PCS) 品番 インダクタンス (1) 許容差 直流抵抗 (2) 直流重畳許容電流 (3) 温度上昇許容電流 (3) Part Number Inductance (1) ( H) Tolerance (%) DC Resistance (2) (m ) Max. (Typ.) Inductance Decrease Current (3) (A) Max. (Typ.) =30% Temperature Rise Current (3) T=40C (A) Max. (Typ.) B1047FS-1R0N=P3 1.0 30 11 (9) 9.6 (12.8) 7.2 (8.5) B1047FS-1R5N=P3 1.5 30 13 (10) 8.1 (10.8) 6.5 (7.6) B1047FS-2R2N=P3 2.2 30 15 (12) 7.2 (9.7) 5.9 (6.9) B1047FS-2R7N=P3 2.7 30 16 (13) 6.0 (8.0) 5.5 (6.5) B1047FS-3R6N=P3 3.6 30 18 (15) 5.3 (7.0) 4.9 (5.8) B1047FS-4R7N=P3 4.7 30 20 (17) 5.0 (6.7) 4.4 (5.2) B1047FS-6R8N=P3 6.8 30 34 (29) 3.9 (5.2) 3.2 (3.8) B1047FS-100M=P3 10 20 52 (43) 3.3 (4.4) 2.6 (3.1) B1047FS-150M=P3 15 20 68 (57) 2.6 (3.4) 2.2 (2.6) B1047FS-220M=P3 22 20 109 (88) 2.3 (3.0) 2.0 (2.3) B1047FS-330M=P3 33 20 150 (125) 1.7 (2.3) 1.5 (1.7) B1047FS-470M=P3 47 20 184 (153) 1.4 (1.9) 1.3 (1.5) (1) Inductance is measured with a LCR meter 4284A (Agilent Technologies) or equivalent. Test frequency at 100kHz (2) DC resistance is measured with 34420A (Agilent Technologies) or 3541(HIOKI). (Reference ambient temperature 25°C) (3) Maximum allowable DC current is that which causes a 30% inductance reduction from the initial value, or coil temperature to rise by 40°C, whichever is smaller. (Reference ambient temperature 20°C) (1) インダクタンスはLCRメータ4284A(Agilent Technologies) または同等品により測定する。 測定周波数は100kHz。 (2) 直流抵抗は測定器34420A(Agilent Technologies)または3541 (HIOKI)と同等品により測定する。(周囲温度25°C) (3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が 初期値より30%減少する直流電流値、または直流電流により、 コイルの温度が40°C上昇の何れか小さい値。(周囲温度20°Cを基 準とする。) L L Ferrite Inductors フェライトインダクタ |
Similar Part No. - B1047AS-560M |
|
Similar Description - B1047AS-560M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |