Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2685 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2685
Description  Dual Output Regulated Switched Capacitor Voltage Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2685 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2685 Datasheet HTML 1Page - National Semiconductor (TI) LM2685 Datasheet HTML 2Page - National Semiconductor (TI) LM2685 Datasheet HTML 3Page - National Semiconductor (TI) LM2685 Datasheet HTML 4Page - National Semiconductor (TI) LM2685 Datasheet HTML 5Page - National Semiconductor (TI) LM2685 Datasheet HTML 6Page - National Semiconductor (TI) LM2685 Datasheet HTML 7Page - National Semiconductor (TI) LM2685 Datasheet HTML 8Page - National Semiconductor (TI) LM2685 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Typical Performance Characteristics Unless otherwise specified, T
A = 25˚C, VIN = 3.6V.
Supply Current vs Input Voltage
DS101100-6
Supply Current vs Temperature
DS101100-7
Efficiency vs Load Current
DS101100-8
Output Voltage (V
05) vs.
Load Current
DS101100-9
V
05 Voltage vs.
Input Voltage
DS101100-21
Output Resistance (VNEG) vs.
Temperature
DS101100-10
Output Resistance (VDBL) vs.
Input Voltage
DS101100-11
Output Resistance (VDBL) vs.
Temperature
DS101100-12
Switch Frequency vs. Temperature
DS101100-13
www.national.com
4


Similar Part No. - LM2685

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2681 TI-LM2681 Datasheet
894Kb / 16P
[Old version datasheet]   LM2681 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2681M6 NSC-LM2681M6 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2681M6/NOPB TI-LM2681M6/NOPB Datasheet
894Kb / 16P
[Old version datasheet]   LM2681 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2681M6X NSC-LM2681M6X Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
More results

Similar Description - LM2685

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3604 AD-ADP3604 Datasheet
143Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3603 AD-ADP3603_15 Datasheet
143Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
ADP3604 AD-ADP3604_15 Datasheet
127Kb / 8P
   Switched Capacitor Voltage Converter with Regulated Output
REV. 0
logo
National Semiconductor ...
LM2686 NSC-LM2686 Datasheet
204Kb / 8P
   Regulated Switched Capacitor Voltage Converter
LM2760 NSC-LM2760 Datasheet
242Kb / 10P
   3.3V Regulated Switched Capacitor Voltage Converter
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2750 NSC-LM2750 Datasheet
370Kb / 15P
   Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
logo
Linear Technology
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com