Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER3J Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # ER3J
Description  3.0AMP SURFACE MOUNT SUPERFAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

ER3J Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  ER3J Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. ER3J Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.0AMP SURFACE MOUNT SUPERFAST RECTIFIERS
80
@IF=3.0A
3.0
ER3J
ER3G
ER3E
ER3D
ER3C
ER3B
ER3A
version:01
100
@T =55
/W
STG
T
J
T
J
C
@T =100
@T =25
RRM
1)
3)
D.C.
plastic SMB
I
Time
Features
Mechanical Data
·
Case: Molded
·
Terminals: Plated leads solderable per
MIL-STD-750,Method 2026 guaranteed
·
Polarity: Color band dentes cathode end
·
Mounting Position: Any
·
Making: Type Number
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
50
100
150
200
300
400
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
V
Average Rectified Output Current
IO
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Forward Voltage
VFM
0.95
1.25
1.7
V
Peak Reverse Current
5.0
uA
At Rated DC Blocking Voltage
Maximum Reverse Recovery
Trr
35
ns
Typical Junction Capacitance (Note 2)
25
pF
Typical Thermal Resistance Junction to
Ambient(Note
Rθ JA
34
Operating Temperature Range
-55 to+150
Storage Temperature Range
-55 to +150
Note:
1of2
3.Thermal Resistance from Junction to Ambient at 0.375(9.5mm) lead length .
1.Reverse Recovery Test Conditions:IF=0.5A,IR=1.0A,IRR=0.25A.
2. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V
R
(Note
A
A
L
ER J
ER A THRU
3
3
www.dyelec.com
0.084(2.13)
0.004(0.10)
0.008(0.20)
0.197(5.00)
0.217(5.50)
0.057(1.45)
0.033(0.85)
0.004(0.100)
0.012(0.300)
0.187(4.75)
0.163(4.15)
0.154(3.90)
SMB/DO-214AA
Dimensions in inches and (millimeters)
0.096(2.44)
0.130(3.30)
0.075(1.91)
0.083(2.11)
0.010(0.25)
0.004(0.1)
Ideally Suited for Automatic Assembly
Guard Ring Die Construction
Classification Rating 94V-0
·
·
·
Low Power Loss, High Efficiency
Plastic Case Material has UL Flammability
·
Glass passivated junction chip
·


Similar Part No. - ER3J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER3J PANJIT-ER3J Datasheet
50Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 600 Volts CURRENT - 3.0 Amperes)
logo
Shanghai Shunye Electro...
ER3J SY-ER3J Datasheet
1Mb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diode Semiconductor Kor...
ER3J DSK-ER3J Datasheet
156Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Surge Components
ER3J SURGE-ER3J Datasheet
86Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 3.0 Amperes?
logo
Pan Jit International I...
ER3J PANJIT-ER3J Datasheet
119Kb / 3P
   SURFACE MOUNT RECTIFIER
More results

Similar Description - ER3J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG301YAM SECOS-QG301YAM Datasheet
270Kb / 2P
   3.0Amp Surface Mount Silicon Rectifiers
QG301B SECOS-QG301B_15 Datasheet
146Kb / 2P
   3.0Amp Surface Mount Silicon Rectifiers
logo
Guangdong Juxing Electr...
ES3A_DO-214AA JUXING-ES3A_DO-214AA Datasheet
1Mb / 3P
   Surface Mount Superfast Rectifiers
DHE0.5A JUXING-DHE0.5A_17 Datasheet
1Mb / 3P
   Surface Mount Superfast Rectifiers
ES5ABF JUXING-ES5ABF Datasheet
1Mb / 3P
   Surface Mount Superfast Rectifiers
logo
Shanghai Leiditech Elec...
DSK1B LEIDITECH-DSK1B Datasheet
393Kb / 3P
   Surface Mount Superfast Rectifiers
logo
Guangdong Juxing Electr...
ES3ABF JUXING-ES3ABF Datasheet
771Kb / 3P
   Surface Mount Superfast Rectifiers
ES2A JUXING-ES2A Datasheet
1Mb / 2P
   Surface Mount Superfast Rectifiers
ES5A JUXING-ES5A_18 Datasheet
1Mb / 2P
   Surface Mount Superfast Rectifiers
ES8AP JUXING-ES8AP Datasheet
1Mb / 3P
   Surface Mount Superfast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com